Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 146 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 146 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 142Page - Advanced Micro Devices AM79C976 Datasheet HTML 143Page - Advanced Micro Devices AM79C976 Datasheet HTML 144Page - Advanced Micro Devices AM79C976 Datasheet HTML 145Page - Advanced Micro Devices AM79C976 Datasheet HTML 146Page - Advanced Micro Devices AM79C976 Datasheet HTML 147Page - Advanced Micro Devices AM79C976 Datasheet HTML 148Page - Advanced Micro Devices AM79C976 Datasheet HTML 149Page - Advanced Micro Devices AM79C976 Datasheet HTML 150Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 309 page
background image
146
Am79C976
8/01/00
P R E L I M INARY
56
DM_DIR
MBIST Test Direction. This bit is set to 1 when the MBIST memory pointer was counting down
when the test stopped. It is cleared to 0 when the MBIST memory pointer was counting up when
the test stopped.
This bit is read-only.
55-54
DM_FAIL_STATE
MBIST Error Offset Indicator. This field indicates offset of the location of the last memory test error
with respect to the value of the DM_ADDR field. The interpretation of this field depends on the
value of the DM_DIR field, which indicates whether the address pointer was counting up or down
when the error was detected.
This field is read-only.
53-52
DM_BACKG
MBIST Background. This field contains the background pattern that the memory test logic was
using when the test stopped.
This field is read-only.
51-32
DM_ADDR
MBIST Address. This field contains the contents of the MBIST address pointer at the time that the
test stopped. Because of the pipelined nature of the external SSRAM, this value may not be the
location of the memory error. The actual error location is obtained by adding or subtracting the
contents of the DM_FAIL_STATE field as described above.
This field is read-only.
31-0
DM_DATA
MBIST Data. This field contains the last data that the memory test logic read from the external
SSRAM. If the DM_ERR and DM_FAIL_STOP bits are both set to 1, the contents of this field
contains an error.
This field is read-only.
Bit
Name
Description
DM_DIR
FAIL_STATE
Error Location
0
00
Error at DM_ADDRESS
0
01
Error at DM_ADDRESS-1
0
10
Error at DM_ADDRESS-2
0
11
Error at DM_ADDRESS-3
1
00
Error at DM_ADDRESS
1
01
Error at DM_ADDRESS+1
1
10
Error at DM_ADDRESS+2
1
11
Error at DM_ADDRESS+3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com