Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 147 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 147 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 143Page - Advanced Micro Devices AM79C976 Datasheet HTML 144Page - Advanced Micro Devices AM79C976 Datasheet HTML 145Page - Advanced Micro Devices AM79C976 Datasheet HTML 146Page - Advanced Micro Devices AM79C976 Datasheet HTML 147Page - Advanced Micro Devices AM79C976 Datasheet HTML 148Page - Advanced Micro Devices AM79C976 Datasheet HTML 149Page - Advanced Micro Devices AM79C976 Datasheet HTML 150Page - Advanced Micro Devices AM79C976 Datasheet HTML 151Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 309 page
background image
8/01/00
Am79C976
147
P R E L I M INARY
DELAYED_INT: Delayed Interrupts Register
Offset 0C0h
The contents of this register are cleared to 0 when the
RST pin is asserted, before the serial EEPROM is
read, and after a serial EEPROM read error.
Table 52. DELAYED_INT: Delayed Interrupts Register
EEPROM_ACC: EEPROM Access Register
Offset 17Ch
The contents of this register are set to default values
when the RST pin is asserted. The register is not
cleared at the start of a serial EEPROM read operation
or after a serial EEPROM read error. The default value
for all bits in this register is 0.
This register is an alias of BCR19.
Bit
Name
Description
31-21
RES
Reserved. Written as 0, read as undefined.
20-16
EVENT_COUNT
This field indicates the maximum number of receive and/or transmit interrupt events (RINT and/
or TINT) that can occur before a delayed interrupt signal occurs.
15-11
RES
Reserved. Written as 0, read as undefined.
10-0
MAX_DELAY
This field indicates the maximum time (measured in units of 10 microseconds) that can elapse
after an interrupt event before a delayed interrupt signal occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com