Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 151 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 151 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 147Page - Advanced Micro Devices AM79C976 Datasheet HTML 148Page - Advanced Micro Devices AM79C976 Datasheet HTML 149Page - Advanced Micro Devices AM79C976 Datasheet HTML 150Page - Advanced Micro Devices AM79C976 Datasheet HTML 151Page - Advanced Micro Devices AM79C976 Datasheet HTML 152Page - Advanced Micro Devices AM79C976 Datasheet HTML 153Page - Advanced Micro Devices AM79C976 Datasheet HTML 154Page - Advanced Micro Devices AM79C976 Datasheet HTML 155Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 309 page
background image
8/01/00
Am79C976
151
P R E L I M INARY
FLOW: Flow Control Register
Offset 0C8h
FLOW is a command-style register. All bits in this reg-
ister are cleared to 0 when the RST pin is asserted, be-
fore the serial EEPROM is read, and after a serial
EEPROM read error.
Table 57.
FLOW: Flow Control Register
Bit
Name
Description
31-24
RES
Reserved locations. Written as zeros and read as undefined.
23
VAL2
Value bit for byte 2. The value of this bit is written to any bits in the FLOW register that correspond
to bits in the FLOW[22:16] bit map field that are set to 1.
22-21
RES
Reserved locations. Written as zeros and read as undefined.
20
FPA
Force Pause Ability. When this bit is set, Pause Ability is enabled regardless of the Pause Ability
state of the external PHY’s link partner. When Pause Ability is enabled, the receipt of a MAC
Control Pause Frame causes the device to stop transmitting for a time period that is determined by
the contents of the Pause Frame.
If a logical 1 is written to this bit position, the corresponding bit in the register will be loaded with
the contents of the VAL2 bit. If a logical 0 is written to this bit position, the corresponding bit in the
register will not be altered.
19
NPA
Negotiate Pause Ability. When this bit is set and the Force Pause Ability bit is not set, Pause Ability
is enabled only if the auto-negotiation process determines that the external PHY’s link partner
supports IEEE 802.3 flow control. When Pause Ability is enabled, the receipt of a MAC Control
Pause Frame causes the device to stop transmitting for a time period that is determined by the
contents of the Pause Frame.
If a logical 1 is written to this bit position, the corresponding bit in the register will be loaded with
the contents of the VAL2 bit. If a logical 0 is written to this bit position, the corresponding bit in the
register will not be altered.
18
FIXP
Fixed Length Pause. When this bit is set to 1, all MAC Control Pause Frames transmitted from the
device will contain a Request_operand field that is copied from the PAUSE_LEN field of this
register.
When this bit is cleared to 0, a Pause Frame with its Request_operand field set to 0FFFFh will be
sent when the FCCMD bit in this register is changed from 0 to 1 or when the signal on the FC pin
changes from 0 to 1 while the FCPEN bit has the value 1. Also a Pause Frame with its
Request_operand field set to 0000h will be sent when the FCCMD bit in this register is changed
from 1 to 0 or when the signal on the FC pin changes from 1 to 0 while the FCPEN bit has the value
1.
If a logical 1 is written to this bit position, the corresponding bit in the register will be loaded with
the contents of the VAL2 bit. If a logical 0 is written to this bit position, the corresponding bit in the
register will not be altered.
17
FCPEN
Flow Control Pin Enable. When the value of this bit is 1, MAC Control Pause frames will be
transmitted or half-duplex back pressure will be applied when the FC pin is asserted. When the
value of this bit is 0, the state of the FC pin is ignored.
If a logical 1 is written to this bit position, the corresponding bit in the register will be loaded with
the contents of the VAL2 bit. If a logical 0 is written to this bit position, the corresponding bit in the
register will not be altered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com