Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 153 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 153 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 149Page - Advanced Micro Devices AM79C976 Datasheet HTML 150Page - Advanced Micro Devices AM79C976 Datasheet HTML 151Page - Advanced Micro Devices AM79C976 Datasheet HTML 152Page - Advanced Micro Devices AM79C976 Datasheet HTML 153Page - Advanced Micro Devices AM79C976 Datasheet HTML 154Page - Advanced Micro Devices AM79C976 Datasheet HTML 155Page - Advanced Micro Devices AM79C976 Datasheet HTML 156Page - Advanced Micro Devices AM79C976 Datasheet HTML 157Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 309 page
background image
8/01/00
Am79C976
153
P R E L I M INARY
INT0: Interrupt0
Offset 038h
INT0 identifies the source or sources of an interrupt.
With the exception of INTR, all bits in this register are
“write 1 to clear” so that the CPU can clear the interrupt
condition by reading the register and then writing back
the same data that it read. Writing a 0 to a bit in this reg-
ister has no effect.
All bits in this register are cleared to 0 by H_RESET. In
addition, TINT, TXDNINT, TXSTRTINT, and RINT are
cleared when the RUN bit in CMD0 is cleared.
Table 59. INT0: Interrupt0 Register
Bit
Name
Description
31
INTR
Interrupt Summary. This bit indicates that one or more of the other interrupt bits in this register are
set and the associated enable bit or bits in INTEN0 are also set. If INTREN in CMD0 is set to 1 and
INTR is set, INTA will be active. When INTR is set by SINT, INTA will be active independent of the
state of INEA.
INTR is read only. INTR is cleared by clearing all of the active individual interrupt bits that have not
been masked out.
31-28
RES
Reserved locations. Written as zeros and read as undefined.
27
LCINT
Link Change Interrupt. This bit is set when the Port Manager detects a change in the link status of
the external PHY.
26
APINT5
Auto-Poll Interrupt from Register 5. This bit is set when the Auto-Poll State Machine has detected
a change in the external PHY register whose address is stored in Auto-Poll Register 5.
25
APINT4
Auto-Poll Interrupt from Register 4. This bit is set when the Auto-Poll State Machine has detected
a change in the external PHY register whose address is stored in Auto-Poll Register 4.
24
APINT3
Auto-Poll Interrupt from Register 3. This bit is set when the Auto-Poll State Machine has detected
a change in the external PHY register whose address is stored in Auto-Poll Register 3.
23
RES
Reserved locations. Written as zeros and read as undefined.
22
APINT2
Auto-Poll Interrupt from Register 2. This bit is set when the Auto-Poll State Machine has detected
a change in the external PHY register whose address is stored in Auto-Poll Register 2.
21
APINT1
Auto-Poll Interrupt from Register 1. This bit is set when the Auto-Poll State Machine has detected
a change in the external PHY register whose address is stored in Auto-Poll Register 1.
20
APINT0
Auto-Poll Interrupt from Register 0. This bit is set when the Auto-Poll State Machine has detected
a change in the external PHY register whose address is stored in Auto-Poll Register 0.
19
MIIPDTINT
MII PHY Detect Transition Interrupt. The MII PHY Detect Transition Interrupt is set by the
Am79C976 controller whenever the MIIPD bit in STAT0 transitions from 0 to 1 or vice versa.
This bit is an alias of CSR7, bit 1.
18
MCCIINT
MII Management Command Complete Internal Interrupt. The MII Management Command
Complete Interrupt is set by the Am79C976 controller when a read or write operation on the MII
management port is complete from an internal operation. Examples of internal operations are Auto-
Poll or Network Port Manager generated MII management frames.
This bit is an alias of CSR7, bit 3.
17
MCCINT
MII Management Command Complete Interrupt. The MII Management Command Complete
Interrupt is set by the Am79C976 controller when a read or write operation to the MII Data Port
(PHY Access Register) is complete.
This bit is an alias of CSR7, bit 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com