Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 156 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 156 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 152Page - Advanced Micro Devices AM79C976 Datasheet HTML 153Page - Advanced Micro Devices AM79C976 Datasheet HTML 154Page - Advanced Micro Devices AM79C976 Datasheet HTML 155Page - Advanced Micro Devices AM79C976 Datasheet HTML 156Page - Advanced Micro Devices AM79C976 Datasheet HTML 157Page - Advanced Micro Devices AM79C976 Datasheet HTML 158Page - Advanced Micro Devices AM79C976 Datasheet HTML 159Page - Advanced Micro Devices AM79C976 Datasheet HTML 160Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 309 page
background image
156
Am79C976
8/01/00
P R E L I M INARY
13
MPINTEN
Magic Packet Interrupt Enable. When this bit is set, the INTR bit will be set when the MPINT bit in
INT0 is set.
This bit is an alias of CSR5, bit 3.
12
SINTEN
System Interrupt Enable. When this bit is set, the INTR bit will be set when the SINT bit in INT0 is
set.
This bit is an alias of CSR5, bit 10.
11-9
RES
Reserved locations. Written as zeros and read as undefined.
8TINTEN
Transmit Interrupt Enable. When this bit is set, the INTR bit will be set when the TINT bit in INT0 is
set.
This bit is an alias of CSR3, bit 9 with reversed polarity. (When TINTM in CSR3 is set, the transmit
interrupt is disabled.)
Previous devices in the PCnet family enable receive and transmit interrupts following reset. The
Am79C976 controller disables these interrupts following H_RESET (but not S_RESET). For
compatibility with legacy software, the Am79C976 controller will set RINTEN and TINTEN following
S_RESET. If, in addition, the user programs the EEPROM to load ones into RINTEN and TINTEN,
these interrupts will also be enabled after H_RESET. This matches the behavior of the previous
PCnet devices.
7VAL1
Value bit for byte 1. The value of this bit is written to any bits in the INTEN0 register that correspond
to bits in the INTEN0[6:0] bit map field that are set to 1.
6
TXDNINTEN
Transmission Done Interrupt Enable. When this bit is set, the INTR bit will be set when the
TXDNINT bit in INT0 is set.
This bit is an alias of CSR5, bit 12.
5
TXSTRTINTEN
Transmit Start Interrupt Enable. When this bit is set, the INTR bit will be set when the TXSTRTINT
bit in INT0 is set.
This bit is an alias of CSR4, bit 2.
4STINTEN
Software Timer Interrupt Enable. When this bit is set, the INTR bit will be set when the STINT bit
in INT0 is set.
This bit is an alias of CSR7, bit 10.
3-1
RES
Reserved locations. Written as zeros and read as undefined.
0RINTEN
Receive Interrupt Enable. When this bit is set, the INTR bit will be set when the RINT bit in INT0 is
set.
This bit is an alias of CSR3, bit 10 with reversed polarity. (When RINTM in CSR3 is set, the receive
interrupt is disabled.)
Previous devices in the PCnet family enable receive and transmit interrupts following reset. The
Am79C976 controller disables these interrupts following H_RESET (but not S_RESET). For
compatibility with legacy software, the Am79C976 controller will set RINTEN and TINTEN following
S_RESET. If, in addition, the user programs the EEPROM to load ones into RINTEN and TINTEN,
these interrupts will also be enabled after H_RESET. This matches the behavior of the previous
PCnet devices.
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com