Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 160 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 160 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 156Page - Advanced Micro Devices AM79C976 Datasheet HTML 157Page - Advanced Micro Devices AM79C976 Datasheet HTML 158Page - Advanced Micro Devices AM79C976 Datasheet HTML 159Page - Advanced Micro Devices AM79C976 Datasheet HTML 160Page - Advanced Micro Devices AM79C976 Datasheet HTML 161Page - Advanced Micro Devices AM79C976 Datasheet HTML 162Page - Advanced Micro Devices AM79C976 Datasheet HTML 163Page - Advanced Micro Devices AM79C976 Datasheet HTML 164Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 309 page
background image
160
Am79C976
8/01/00
P R E L I M INARY
MAX_LAT_A: PCI Maximum Latency Alias Register
Offset 1B1h
This register is a writable alias of the Maximum Latency
field at offset 3Fh in PCI configuration space, which is
read only. The purpose of this register is to allow the
PCI Maximum Latency value to be loaded from the se-
rial EEPROM.
The contents of this register are set to 18h when the
RST pin is asserted, before the serial EEPROM is
read, and after a serial EEPROM read error.
Table 64. MAX_LAT_A: PCI Maximum Latency Alias Register
0,1B*17B$ 3&,0LQLPXP *UDQW$OLDV5HJLVWHU
Offset 1B0h
This register is a writable alias of the Minimum Grant
field at offset 3Eh in PCI configuration space, which is
read only. The purpose of this register is to allow the
PCI Minimum Grant value to be loaded from the serial
EEPROM.
The contents of this register are set to 18h when the
RST pin is asserted, before the serial EEPROM is
read, and after a serial EEPROM read error.
Table 65. MIN_GNT_A: PCI Minimum Grant Alias Register
3$'5 3K\VLFDO $GGUHVV5HJLVWHU
Offset 160h
The contents of this register are cleared to 0 when the
RST pin is asserted. This register is not cleared by the
serial EEPROM read operation or by a serial EEPROM
read error.
Bit
Name
Description
7-0
MAX_LAT
Maximum Latency. Specifies the maximum arbitration latency the Am79C976 controller can
sustain without causing problems to the network activity. The register value specifies the time in
units of
1/4 microseconds. MAX_LAT is aliased to the PCI configuration space register
MAX_LAT (offset 3Fh). The host will use the value in the register to determine the setting of the
Am79C976 Latency Timer register.
The default value for MAX_LAT is 18h which corresponds to 6
ms.
This register is an alias of BCR22, bits [15:8] and of offset 3Fh in PCI configuration space.
Bit
Name
Description
7-0
MIN_GNT
Minimum Grant. Specifies the minimum length of a burst period the Am79C976 controller needs to
keep up with the network activity. The length of the burst period is calculated assuming a clock rate
of 33 MHz. The register value specifies the time in units of 1/4
ms. MIN_GNT is aliased to the PCI
configuration space register MIN_GNT (offset 3Eh). The host will use the value in the register to
determine the setting of the Am79C976 Latency Timer register.
The default value for MIN_GNT is 18h which corresponds to 6
ms.
This register is an alias of BCR22, bits [7:0] and of offset 3Eh in PCI configuration space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com