Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 163 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 163 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 159Page - Advanced Micro Devices AM79C976 Datasheet HTML 160Page - Advanced Micro Devices AM79C976 Datasheet HTML 161Page - Advanced Micro Devices AM79C976 Datasheet HTML 162Page - Advanced Micro Devices AM79C976 Datasheet HTML 163Page - Advanced Micro Devices AM79C976 Datasheet HTML 164Page - Advanced Micro Devices AM79C976 Datasheet HTML 165Page - Advanced Micro Devices AM79C976 Datasheet HTML 166Page - Advanced Micro Devices AM79C976 Datasheet HTML 167Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 309 page
background image
8/01/00
Am79C976
163
P R E L I M INARY
PHY Access Register
Offset 0D0h
This register gives the host CPU indirect access to the
MII Management Bus (MDC/MDIO). Through this reg-
ister the host CPU can read or write any external PHY
register that is accessible through the MII Management
Bus.
All bits in this register are cleared to 0 when the RST
pin is asserted. This register is not affected by the serial
EEPROM read operation or by a serial EEPROM read
error.
Table 69. PHY_ACCESS: PHY Access Register
Bit
Name
Description
31
PHY_CMD_DONE
PHY Command Complete. This read-only bit is set to 0 after a write access to this register and
remains 0 until the end of the MII Management Frame that is generated by the write access.
When the value of this bit is 1, the PHY_DATA field contains valid data.
30
PHY_WR_CMD
PHY Write Command. When this bit is set, an MII Management Frame will be sent to write the
contents of the PHY_DATA field to the external PHY register addressed by the PHY_ADDR and
PHY_REG_ADDR fields. This bit must not be set at the same time that the
PHY_BLK_RD_CMD bit or the PHY_NBLK_RD_CMD bit is set.
29
PHY_BLK_RD_CMD
PHY Blocking Read Command. When the bit is set, an MII Management Frame will be sent to
read the contents of the PHY_DATA field to the external PHY register addressed by the
PHY_ADDR and PHY_REG_ADDR fields. After this bit is set, the next attempt to read this
register will cause PCI bus retries to occur until the PHY_DATA field has been updated with
data read from the selected PHY register.
This bit must not be set at the same time that the PHY_WR_CMD bit or the
PHY_NBLK_RD_CMD bit is set.
28
PHY_NBLK_RD_CM
D
PHY Non-Blocking Read Command. When the bit is set, an MII Management Frame will be
sent to read the contents of the PHY_DATA field to the external PHY register addressed by the
PHY_ADDR and PHY_REG_ADDR fields. After this bit is set, the host CPU can read this
register again and again until the PHY_CMD_DONE bit returns the value 1, indicating that the
PHY_DATA field contains valid data read from the selected PHY register. Alternatively, the host
CPU can wait for the MCCINT interrupt (INT0, bit 17).
This bit must not be set at the same time that the PHY_WR_CMD bit or the
PHY_BLK_RD_CMD bit is set.
27
PHY_PRE_SUP
Preamble Suppression. If this bit is set, the MII Management Frame will be sent without a
preamble. Before setting this bit the host CPU must make sure that the external PHY
addressed by the PHY_ADDR field is capable of accepting MII Management Frames without
preambles.
26
RES
Reserved location. Written as zero and read as undefined.
25-21
PHY_ADDR
PHY Address. The address of the external PHY device to be accessed.
20-16
PHY_REG_ADDR
PHY Register Address. The address of the register in the external PHY device to be accessed.
15-0
PHY_DATA
PHY Data. Data written to or read from the external PHY register specified by PHY_ADDR and
PHY_REG_ADDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com