Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 165 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 165 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 161Page - Advanced Micro Devices AM79C976 Datasheet HTML 162Page - Advanced Micro Devices AM79C976 Datasheet HTML 163Page - Advanced Micro Devices AM79C976 Datasheet HTML 164Page - Advanced Micro Devices AM79C976 Datasheet HTML 165Page - Advanced Micro Devices AM79C976 Datasheet HTML 166Page - Advanced Micro Devices AM79C976 Datasheet HTML 167Page - Advanced Micro Devices AM79C976 Datasheet HTML 168Page - Advanced Micro Devices AM79C976 Datasheet HTML 169Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 309 page
background image
8/01/00
Am79C976
165
P R E L I M INARY
30&B$ 3&, 3RZHU 0DQDJHPHQW &DSDELOLWLHV $OLDV
5HJLVWHU
Offset 1B8h
This register is an alias of the PMC register located at
offset 42h of the PCI Configuration Space. Since the
PMC register is read only, this register provides a
means of programming it through the EEPROM. For
the definition of the bits in this register, refer to the PMC
register definition.
The contents of this register are set to the default value
of 0C802h when the RST pin is asserted, before the
serial EEPROM is read, and after a serial EEPROM
read error.
5HFHLYH 3URWHFW 5HJLVWHU
Offset 0DCh
The contents of this register are set to the default value
64 when the RST pin is asserted. This register is not af-
fected by the serial EEPROM read operation or by a se-
rial EEPROM read error.
Table 72. Receive Protect Register
5&9B5,1*B/(15HFHLYH 5LQJ/HQJWK5HJLVWHU
Offset 150h
The contents of this register are set to the default value
0 when the RST pin is asserted. This register is not af-
fected by the serial EEPROM read operation or by a
serial EEPROM read error.
Table 73. RCV_RING_LEN: Receive Ring Length Register
Bit
Name
Description
15-0
RCV_
PROTECT
Receive Protect. This register indicates the number of bytes of an incoming frame that must be
received before the DMA controller starts to copy the frame data into the host system memory. If
the size of the frame (in bytes) is less than the contents of this register and the frame contains a
valid FCS, the DMA transfer can start any time after the end of the frame is received.
The Receive Protect Register also determines the period during which the External Address Reject
(EAR) pin is monitored when the External Address Detection Interface (EADI) is used. The state of
the EAR pin is ignored except for a period of time that starts when the Start of Frame Delimiter of
an incoming frame is received and ends when the number of frame data bytes indicated by the
Receive Protect Register have been received.
Bit
Name
Description
15-0
RCV_RING_
LEN
Receive Ring Length. Contains the two’s complement of the receive descriptor ring length. This
register is initialized during the optional Am79C976 controller initialization routine based on the
value in the RLEN field of the initialization block. However, this register can be manually altered.
The actual receive ring length is defined by the current value in this register. The ring length can
be defined as any value from 1 to 65535.
This register is an alias of CSR76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com