Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 168 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 168 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 164Page - Advanced Micro Devices AM79C976 Datasheet HTML 165Page - Advanced Micro Devices AM79C976 Datasheet HTML 166Page - Advanced Micro Devices AM79C976 Datasheet HTML 167Page - Advanced Micro Devices AM79C976 Datasheet HTML 168Page - Advanced Micro Devices AM79C976 Datasheet HTML 169Page - Advanced Micro Devices AM79C976 Datasheet HTML 170Page - Advanced Micro Devices AM79C976 Datasheet HTML 171Page - Advanced Micro Devices AM79C976 Datasheet HTML 172Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 309 page
background image
168
Am79C976
8/01/00
P R E L I M INARY
STAT0: Status0
Offset 030h
STAT0 indicates the status of various Am79C976 func-
tions. All bits in this register except for bits 12:10 indi-
cate current status and are read only. Bits 12:10 are
latches that indicate the cause of a wake-up event.
These three bits are cleared to 0 when power is first ap-
plied to the device (power-on reset), but they are not af-
fected by the state of the RST pin so that they are not
disturbed when PCI bus power is removed and reap-
plied. Bits 12:10 are “write 1 to clear”. Therefore, the
CPU can clear bits 12:10 by reading the register and
then writing back the same data that it read.
Table 78. STAT0: Status0 Register
Bit
Name
Description
31-15
RES
Reserved locations. Written as zeros and read as undefined.
14
PAUSE_PEND
Pause Pending. This bit is set to 1 during the interval between the time that the Am79C976 device
receives a command to transmit a MAC Control Pause frame and the time that the device finishes
transmitting the frame. The host CPU should not attempt to write to the Pause Length Register
while this bit is 1.
This bit is read only and is cleared by H_RESET.
13
PAUSING
Pausing. This bit indicates that the device has received a MAC Control Pause frame, and the pause
timer has not yet timed out.
This bit is read only and is cleared by H_RESET.
12
PMAT_DET
Pattern Match Detected. This bit indicates that an OnNow pattern match has occurred while the
Am79C976 device was in the OnNow pattern match mode.
This bit is an alias of PMAT in CSR116.
This bit can be cleared to 0 either by writing 0 to CSR116, bit 7, or by writing 1 to STAT0, bit 12.
This bit is cleared to 0 when power is first applied to the device, but not by the assertion of RST.
11
MP_DET
Magic Packet Frame Detected. This bit indicates that a Magic Packet pattern match has occurred
while the Am79C976 device was in the Magic Packet mode.
This bit is an alias of MPMAT in CSR116.
This bit can be cleared to 0 either by writing 0 to CSR116, bit 5, or by writing 1 to STAT0, bit 11.
This bit is cleared to 0 when power is first applied to the device, but not by the assertion of RST.
10
LC_DET
Link Change Detected. This bit indicates that a change in the link status of the external PHY device
has been detected while the device was in the Link Change Wake-up mode.
This bit is an alias of LCDET in CSR116.
This bit can be cleared to 0 either by writing 1 to CSR116, bit 9, or by writing 1 to STAT0, bit 10.
This bit is cleared to 0 when power is first applied to the device, but not by the assertion of RST.
9-7
SPEED
Speed. This field indicates the bit rate at which the network is running. The following encoding is
used:
000 Unknown
001 Reserved
010 10 Mb/s
011 100 Mb/s
100-111 Reserved
These bits are read only and are cleared by H_RESET.
6
FULL_DPLX
Full Duplex. This bit is set when the device is operating in full-duplex mode.
This bit is read only and is cleared by H_RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com