Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 172 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 172 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 168Page - Advanced Micro Devices AM79C976 Datasheet HTML 169Page - Advanced Micro Devices AM79C976 Datasheet HTML 170Page - Advanced Micro Devices AM79C976 Datasheet HTML 171Page - Advanced Micro Devices AM79C976 Datasheet HTML 172Page - Advanced Micro Devices AM79C976 Datasheet HTML 173Page - Advanced Micro Devices AM79C976 Datasheet HTML 174Page - Advanced Micro Devices AM79C976 Datasheet HTML 175Page - Advanced Micro Devices AM79C976 Datasheet HTML 176Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 309 page
background image
172
Am79C976
8/01/00
P R E L I M INARY
Table 84. XMTPOLLTIME: Transmit Polling Interval Register
RAP Register
The RAP (Register Address Pointer) register is used to
gain access to CSR and BCR registers on board the
Am79C976 controller. The RAP contains the address
of a CSR or BCR.
As an example of RAP use, consider a read access to
CSR4. In order to access this register, it is necessary
to first load the value 0004h into the RAP by performing
a write access to the RAP offset of 12h (12h when WIO
mode has been selected, 14h when DWIO mode has
been selected). Then a second access is performed,
this time to the RDP offset of 10h (for either WIO or
DWIO mode). The RDP access is a read access, and
since RAP has just been loaded with the value of 0004h,
the RDP read will yield the contents of CSR4. A read of
the BDP at this time (offset of 16h when WIO mode has
been selected, 1Ch when DWIO mode has been select-
ed) will yield the contents of BCR4, since the RAP is
used as the pointer into both BDP and RDP space.
5$3 5HJLVWHU $GGUHVV3RUW
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-8
RES
Reserved locations. Read and
written as zeros.
7-0
RAP
Register Address Port. The value
of these 8 bits determines which
CSR or BCR will be accessed
when an I/O access to the RDP
or BDP port, respectively, is per-
formed.
A write access to undefined CSR
or BCR locations may cause un-
expected reprogramming of the
Am79C976 control registers. A
read access will yield undefined
values.
Read/Write accessible. RAP is
cleared
by
H_RESET
or
S_RESET and is unaffected by
setting the STOP bit.
Bit
Name
Description
15-0
XMTPOLLTIME
Transmit Polling Interval. This register contains the time that the Am79C976 controller will wait
between successive polling operations. The XMTPOLLTIME value is expressed as the two’s
complement of the desired interval, where each bit of XMTPOLLTIME represents ERCLK clock
periods. XMTPOLLTIME[3:0] are ignored. (XMTPOLLTIME[16] is implied to be a one, so
XMTPOLLTIME[15] is significant and does not represent the sign of the two’s complement
XMTPOLLTIME value.)
The default value of this register is 0000h. This corresponds to a polling interval of 65,536 clock
periods (2.185 ms when ERCLK = 90 MHz).
Setting the INIT bit starts an initialization process that sets XMTPOLLTIME to its default value. If
the user wants to program a value for XMTPOLLTIME other than the default, then he must change
the value after the initialization sequence has completed.
This register is an alias for CSR47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com