Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 174 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 174 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 170Page - Advanced Micro Devices AM79C976 Datasheet HTML 171Page - Advanced Micro Devices AM79C976 Datasheet HTML 172Page - Advanced Micro Devices AM79C976 Datasheet HTML 173Page - Advanced Micro Devices AM79C976 Datasheet HTML 174Page - Advanced Micro Devices AM79C976 Datasheet HTML 175Page - Advanced Micro Devices AM79C976 Datasheet HTML 176Page - Advanced Micro Devices AM79C976 Datasheet HTML 177Page - Advanced Micro Devices AM79C976 Datasheet HTML 178Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 309 page
background image
174
Am79C976
8/01/00
P R E L I M INARY
INTR is read only. INTR is
cleared by clearing all of the ac-
tive individual interrupt bits that
have not been masked out.
6
IENA
Interrupt Enable allows INTA to
be active if the Interrupt Flag is
set. If IENA = 0, then INTA will be
disabled regardless of the state
of INTR.
Read/Write accessible. IENA is
set by writing a 1 and cleared by
writing a 0. IENA is cleared by
H_RESET or S_RESET and set-
ting the STOP bit.
5
RXON
Receive On indicates that the re-
ceive function is enabled. RXON
is set if DRX (CSR15, bit 0) is set
to 0 after the STRT bit is set. If
INIT and STRT are set together,
RXON will not be set until after
the initialization block has been
read in.
RXON is read only. RXON is
cleared
by
H_RESET
or
S_RESET and setting the STOP
bit.
4
TXON
Transmit On indicates that the
transmit
function
is
enabled.
TXON is set if DTX (CSR15, bit 1)
is set to 0 after the STRT bit is
set. If INIT and STRT are set to-
gether, TXON will not be set until
after the initialization block has
been read in.
This bit will reset if the DXSUFLO
bit (CSR3, bit 6) is reset and there
is an underflow condition encoun-
tered.
TXON is read only. TXON is
cleared
by
H_RESET
or
S_RESET and setting the STOP
bit.
3
TDMD
Transmit Demand, when set,
causes the Buffer Management
Unit to access the Transmit De-
scriptor Ring without waiting for
the poll-time counter to elapse. If
TXON is not enabled, TDMD bit
will be reset and no Transmit De-
scriptor Ring access will occur.
TDMD is required to be set if the
TXDPOLL bit in CSR4 is set. Set-
ting TDMD while TXDPOLL = 0
merely hastens the Am79C976
controller’s next access to a
Transmit Descriptor Ring Entry.
Read/Write accessible. TDMD is
set by writing a 1. Writing a 0 has
no effect. TDMD will be cleared
by the Buffer Management Unit
when it fetches a Transmit De-
scriptor. TDMD is cleared by
H_RESET or S_RESET and set-
ting the STOP bit.
2
STOP
STOP assertion disables the chip
from all DMA activity. The chip re-
mains inactive until either STRT
or INIT are set. If STOP, STRT
and INIT are all set together,
STOP will override STRT and
INIT.
Read/Write accessible. STOP is
set by writing a 1, by H_RESET
or S_RESET. Writing a 0 has no
effect. STOP is cleared by setting
either STRT or INIT.
1
STRT
STRT
assertion
enables
Am79C976 controller to send and
receive frames, and perform buff-
er management operations. Set-
ting STRT clears the STOP bit. If
STRT and INIT are set together,
the Am79C976 controller initial-
ization will be performed first.
Read/Write accessible. STRT is
set by writing a 1. Writing a 0 has
no effect. STRT is cleared by
H_RESET, S_RESET, or by set-
ting the STOP bit.
0
INIT
INIT
assertion
enables
the
Am79C976 controller to begin the
initialization
procedure
which
reads in the initialization block
from memory. Setting INIT clears
the STOP bit. If STRT and INIT
are set together, the Am79C976
controller initialization will be per-
formed first. INIT is not cleared
when the initialization sequence
has completed.
Read/Write accessible. INIT is
set by writing a 1. Writing a 0 has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com