Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 173 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 173 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 169Page - Advanced Micro Devices AM79C976 Datasheet HTML 170Page - Advanced Micro Devices AM79C976 Datasheet HTML 171Page - Advanced Micro Devices AM79C976 Datasheet HTML 172Page - Advanced Micro Devices AM79C976 Datasheet HTML 173Page - Advanced Micro Devices AM79C976 Datasheet HTML 174Page - Advanced Micro Devices AM79C976 Datasheet HTML 175Page - Advanced Micro Devices AM79C976 Datasheet HTML 176Page - Advanced Micro Devices AM79C976 Datasheet HTML 177Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 309 page
background image
8/01/00
Am79C976
173
P R E L I M INARY
Control and Status Registers
The Control and Status Registers (CSRs) are included
for compatibility with older PCnet Family software. All
CSR functions can be accessed more efficiently through
the memory-mapped registers.
The CSR space is accessible by performing accesses
to the RDP (Register Data Port). The particular CSR
that is read or written during an RDP access will de-
pend upon the current setting of the RAP. RAP serves
as a pointer into the CSR space.
Am79C976 CSRs can be accessed at any time. For
older PCnet family devices certain CSRs could only be
accessed when the device is stopped.
&65$P& &RQWUROOHU 6WDWXV DQG&RQWURO
5HJLVWHU
Certain bits in CSR0 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR0 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
ERR
Obsolete function. Read/Write
accessible. Read returns zero.
14
BABL
Obsolete function. Read/Write
accessible. Read returns zero.
13
CERR
Obsolete function. Read/Write
accessible. Read returns zero.
12
MISS
Obsolete function. Read/Write
accessible. Read returns zero.
11
MERR
Obsolete function. Read/Write
accessible. Read returns zero.
10
RINT
Receive Interrupt is set by the
Am79C976 controller after the
last descriptor of a receive frame
has been updated by writing a 0
to the OWNership bit. RINT may
also be set when the first descrip-
tor of a receive frame has been
updated by writing a 0 to the
OWNership bit if the LAPPEN bit
of CSR3 has been set to a 1.
When RINT is set, INTA is assert-
ed if IENA is 1 and the mask bit
RINTM (CSR3, bit 10) is 0.
Read/Write accessible. RINT is
cleared by the host by writing a 1.
Writing a 0 has no effect. RINT is
cleared
by
H_RESET,
S_RESET, or by setting the
STOP bit.
9
TINT
Transmit Interrupt is set by the
Am79C976 controller after the
OWN bit in the last descriptor of a
transmit frame has been cleared
to indicate the frame has been
copied to the transmit FIFO.
When TINT is set, INTA is assert-
ed if IENA is 1 and the mask bit
TINTM (CSR3, bit 9) is 0.
Read/Write accessible. TINT is
cleared by the host by writing a 1.
Writing a 0 has no effect. TINT is
cleared
by
H_RESET,
S_RESET, or by setting the
STOP bit.
8
IDON
Initialization Done is set by the
Am79C976 controller after the
initialization sequence has com-
pleted. When IDON is set, the
Am79C976 controller has read
the initialization block from mem-
ory.
When IDON is set, INTA is as-
serted if IENA is 1 and the mask
bit IDONM (CSR3, bit 8) is 0.
Read/Write accessible. IDON is
cleared by the host by writing a 1.
Writing a 0 has no effect. IDON is
cleared
by
H_RESET,
S_RESET, or by setting the
STOP bit.
7
INTR
Interrupt Flag indicates that one
or more following interrupt caus-
ing
conditions
has
occurred:
IDON, RINT, SINT, TINT, TX-
STRT, UINT, STINT, MREINT,
MCCINT, MCCIINT, MIIPDTINT,
MAPINT, MPINT, APINT, LCINT,
SPNDINT and the associated
mask
or
enable
bit
is
pro-
grammed to allow the event to
cause an interrupt. If IENA is set
to 1 and INTR is set, INTA will be
active. When INTR is set by SINT
or SLPINT, INTA will be active in-
dependent of the state of IENA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com