Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 171 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 171 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 167Page - Advanced Micro Devices AM79C976 Datasheet HTML 168Page - Advanced Micro Devices AM79C976 Datasheet HTML 169Page - Advanced Micro Devices AM79C976 Datasheet HTML 170Page - Advanced Micro Devices AM79C976 Datasheet HTML 171Page - Advanced Micro Devices AM79C976 Datasheet HTML 172Page - Advanced Micro Devices AM79C976 Datasheet HTML 173Page - Advanced Micro Devices AM79C976 Datasheet HTML 174Page - Advanced Micro Devices AM79C976 Datasheet HTML 175Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 309 page
background image
8/01/00
Am79C976
171
P R E L I M INARY
9,'B$ 3&,9HQGRU,'$OLDV5HJLVWHU
Offset 1B2h
This register is a writable alias of the Vendor ID field at
offset 0 in PCI configuration space, which is read only.
The purpose of this register is to allow the PCI Vendor
ID value to be loaded from the serial EEPROM.
The contents of this register are set to 1022h when the
RST pin is asserted, before the serial EEPROM is
read, and after a serial EEPROM read error.
Table 82. VID_A: PCI Vendor ID Alias Register
XMT_RING_LEN: Transmit Ring Length Register
Offset 140h
The contents of this register are set to the default value
0 when the RST pin is asserted. This register is not af-
fected by the serial EEPROM read operation or by a se-
rial EEPROM read error.
Table 83. XMT_RING_LEN: Transmit Ring Length Register
;0732//7,0( 7UDQVPLW3ROO 7LPHU 5HJLVWHU
Offset 188h
The contents of this register are cleared to 0 when the
RST pin is asserted, before the serial EEPROM is
read, and after a serial EEPROM read error.
Bit
Name
Description
15-0
VID
Vendor ID. The PCI Vendor ID register is a 16-bit register that identifies the manufacturer of the
Am79C976 controller. AMD’s Vendor ID is 1022h. Note that this Vendor ID is not the same as the
Manufacturer ID in CSR88 and CSR89. The Vendor ID is assigned by the PCI Special Interest
Group.
The Vendor ID is not normally programmable, but the Am79C976 controller allows this due to
legacy operating systems that do not look at the PCI Subsystem Vendor ID and the Vendor ID to
uniquely identify the add-in board or subsystem that the Am79C976 controller is used in.
Note: If the operating system or the network operating system supports PCI Subsystem
Vendor ID and Subsystem ID, use those to identify the add-in board or subsystem and
program the VID with the default value of 1022h.
Software supplied by AMD may not operate if the VID is anything other than 1022h.
This register is an alias of the PCI configuration space Vendor ID field at offset 00h and of BCR35.
Bit
Name
Description
15-0
XMT_RING_
LEN
Transmit Ring Length. Contains the two's complement of the transmit descriptor ring length. This
register is initialized during the optional Am79C976 controller initialization routine based on the
value in the TLEN field of the initialization block. However, this register can be manually altered.
The actual transmit ring length is defined by the current value in this register. The ring length can
be defined as any value from 1 to 65535.
This register is an alias of CSR78.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com