Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 169 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 169 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 165Page - Advanced Micro Devices AM79C976 Datasheet HTML 166Page - Advanced Micro Devices AM79C976 Datasheet HTML 167Page - Advanced Micro Devices AM79C976 Datasheet HTML 168Page - Advanced Micro Devices AM79C976 Datasheet HTML 169Page - Advanced Micro Devices AM79C976 Datasheet HTML 170Page - Advanced Micro Devices AM79C976 Datasheet HTML 171Page - Advanced Micro Devices AM79C976 Datasheet HTML 172Page - Advanced Micro Devices AM79C976 Datasheet HTML 173Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 309 page
background image
8/01/00
Am79C976
169
P R E L I M INARY
Software Timer Value Register
Offset 0D8h
The contents of this register are set to the default value
(0FFFFh) when the RST pin is asserted. This register
is not affected by the serial EEPROM read operation or
by a serial EEPROM read error.
Table 79. Software Timer Value Register
5
LINK_STAT
Link Status. This bit is set to the value of the Link Status bit in the status register (R1) of the default
external PHY. (The default external PHY is the PHY addressed by the AP_PHY0_ADDR field of
the AUTOPOLL0 Register.) This bit is updated each time the external PHY’s status register is read,
either by the Auto-Poll State Machine, by the Network Port Manager, or by a CPU-initiated read.
However, when the Force Link Status bit in CMD3 is set to 1, this bit is forced to 1, regardless of
the contents of the external PHY’s status register.
This bit is read only and is cleared by H_RESET.
4
AUTONEG_
COMPLETE
Auto-negotiation Complete. This bit is set to the value of the Auto-Negotiation Complete bit in
register 1 of the external PHY as determined by the most recent Port Manager polling cycle.
This bit is read only and is cleared by H_RESET.
3
MIIPD
MII PHY Detect. MIIPD reflects the quiescent state of the MDIO pin. MIIPD is continuously updated
whenever there is no management operation in progress on the MII interface. When a
management operation begins on the interface, the state of MIIPD is preserved until the operation
ends, when the quiescent state is again monitored and continuously updates the MIIPD bit. When
the MDIO pin is at a quiescent LOW state, MIIPD is cleared to 0. When the MDIO pin is at a
quiescent HIGH state, MIIPD is set to 1. Any transition on the MIIPD bit will set the MIIPDTINT bit
in INT0.
This bit is an alias of BCR32, bit 14.
This bit is read only and is cleared by H_RESET.
2
RX_
SUSPENDED
Receiver Suspended. This bit has the value 1 while the receiver is suspended, and it has the value
0 when the receiver is not suspended.
This bit is read only and is cleared by H_RESET.
1
TX_
SUSPENDED
Transmitter Suspended. This bit has the value 1 while the transmitter is suspended, and it has the
value 0 when the transmitter is not suspended.
This bit is read only and is cleared by H_RESET.
0
RUNNING
This bit is a read-only alias of the RUN bit in CMD0. When this bit is set, the device is enabled to
transmit and receive frames and process descriptors. Note that even though RUNNING is set, the
receiver or transmitter might be disabled because RX_SPND or TX_SPND is set (in CMD0).
This bit is read only and is cleared by H_RESET.
Bit
Name
Description
Bit
Name
Description
15-0
STVAL
Software Timer Value. STVAL controls the maximum time for the Software Timer to count before
generating the STINT (CSR7, bit 11) interrupt. The Software Timer is a free-running timer that is
started upon the first write to STVAL. After the first write, the Software Timer will continually count
and set the STINT interrupt at the STVAL period.
The STVAL value is interpreted as an unsigned number with a resolution of 10.24µs. For instance,
if STVAL is set to 48,828 (0BEBCh), the Software Timer period will be 0.5 s. The default value
(0FFFFh) corresponds to 0.6710784 s.
Setting STVAL to a value of 0 will result in erratic behavior.
This register is an alias of BCR31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com