Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 177 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 177 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 173Page - Advanced Micro Devices AM79C976 Datasheet HTML 174Page - Advanced Micro Devices AM79C976 Datasheet HTML 175Page - Advanced Micro Devices AM79C976 Datasheet HTML 176Page - Advanced Micro Devices AM79C976 Datasheet HTML 177Page - Advanced Micro Devices AM79C976 Datasheet HTML 178Page - Advanced Micro Devices AM79C976 Datasheet HTML 179Page - Advanced Micro Devices AM79C976 Datasheet HTML 180Page - Advanced Micro Devices AM79C976 Datasheet HTML 181Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 309 page
background image
8/01/00
Am79C976
177
P R E L I M INARY
generated when the header bytes
have been written to the header
memory area.
Read/Write accessible. The LAP-
PEN bit will be reset to 0 by
H_RESET or S_RESET and will
be unaffected by STOP.
See Appendix B for more infor-
mation on the Look Ahead Pack-
et Processing concept.
4
DXMT2PD
Disable Transmit Two Part Defer-
ral (see Medium Allocation sec-
tion
in
the
Media
Access
Management section for more
details). If DXMT2PD is set,
Transmit Two Part Deferral will
be disabled.
Read/Write
accessible.
DXMT2PD
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
3
EMBA
Enable Modified Back-off Algo-
rithm (see Contention Resolution
section in Media Access Man-
agement section for more de-
tails). If EMBA is set, a modified
back-off algorithm is implement-
ed.
Read/Write accessible. EMBA is
cleared
by
H_RESET
or
S_RESET and is not affected by
STOP.
2
BSWP
Byte Swap. This bit is used to
choose between big and little En-
dian modes of operation. When
BSWP is set to a 1, big Endian
mode is selected. When BSWP is
set to 0, little Endian mode is se-
lected.
When big Endian mode is select-
ed, the Am79C976 controller will
swap the order of bytes on the AD
bus during a data phase on ac-
cesses to the FIFOs only. Specif-
ically, AD[31:24] becomes Byte
0, AD[23:16] becomes Byte 1,
AD[15:8] becomes Byte 2, and
AD[7:0] becomes Byte 3 when
big Endian mode is selected.
When little Endian mode is se-
lected, the order of bytes on the
AD bus during a data phase is:
AD[31:24] is Byte 3, AD[23:16] is
Byte 2, AD[15:8] is Byte 1, and
AD[7:0] is Byte 0.
Byte swap only affects data
transfers that involve the FIFOs.
Initialization block transfers are
not affected by the setting of the
BSWP bit. Descriptor transfers
are not affected by the setting of
the BSWP bit. RDP, RAP, BDP
and PCI configuration space ac-
cesses are not affected by the
setting of the BSWP bit. Address
PROM transfers are not affected
by the setting of the BSWP bit.
Expansion ROM accesses are
not affected by the setting of the
BSWP bit.
Note that the byte ordering of the
PCI bus is defined to be little En-
dian. BSWP should not be set to
1 when the Am79C976 controller
is used in a PCI bus application.
Read/Write accessible. BSWP is
cleared
by
H_RESET
or
S_RESET and is not affected by
STOP.
1-0
RES
Reserved locations. The values
written to these bits have no ef-
fect on the operation of the de-
vice. These bits should be read
as undefined.
&657HVWDQG)HDWXUHV &RQWURO
Certain bits in CSR4 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This
means that the software can read CSR4 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
RES
Reserved location. The value
written to this bit has no effect on
the operation of the device. This
bit should be read as undefined.
14
DMAPLUS
Writing and reading from this bit
has no effect. DMAPLUS is al-
ways 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com