Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 180 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 180 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 176Page - Advanced Micro Devices AM79C976 Datasheet HTML 177Page - Advanced Micro Devices AM79C976 Datasheet HTML 178Page - Advanced Micro Devices AM79C976 Datasheet HTML 179Page - Advanced Micro Devices AM79C976 Datasheet HTML 180Page - Advanced Micro Devices AM79C976 Datasheet HTML 181Page - Advanced Micro Devices AM79C976 Datasheet HTML 182Page - Advanced Micro Devices AM79C976 Datasheet HTML 183Page - Advanced Micro Devices AM79C976 Datasheet HTML 184Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 309 page
background image
180
Am79C976
8/01/00
P R E L I M INARY
6
EXDINTE
Obsolete function. Writing has no
effect. Read as undefined.
5
MPPLBA
Magic Packet Physical Logical
Broadcast Accept. If MPPLBA is
at its default value of 0, the
Am79C976 controller will only de-
tect a Magic Packet frame if the
destination address of the packet
matches the content of the physi-
cal address register (PADR). If
MPPLBA is set to 1, the destina-
tion address of the Magic Packet
frame can be unicast, multicast,
or broadcast. Note that the set-
ting of MPPLBA only affects the
address detection of the Magic
Packet frame. The Magic Packet
frame’s data sequence must be
made up of 16 consecutive phys-
ical addresses (PADR[47:0]) re-
gardless
of
what
kind
of
destination address it has. This
bit is OR’ed with EMPPLBA bit
(CSR116, bit 6).
Read/Write accessible. MPPLBA
is set to 0 by H_RESET or
S_RESET and is not affected by
setting the STOP bit.
4
MPINT
Magic Packet Interrupt. Magic
Packet Interrupt is set by the
Am79C976 controller when the
device is in the Magic Packet
mode and the Am79C976 con-
troller receives a Magic Packet
frame. When MPINT is set to 1,
INTA is asserted if IENA (CSR0,
bit 6) and the enable bit MPINTE
are set to 1.
Read/Write accessible. MPINT is
cleared by the host by writing a 1.
Writing a 0 has no affect. MPINT
is
cleared
by
H_RESET,
S_RESET, or by setting the
STOP bit.
3
MPINTE
Magic Packet Interrupt Enable. If
MPINTE is set to 1, the MPINT bit
will be able to set the INTR bit.
Read/Write accessible. MPINTE
is cleared to 0 by H_RESET or
S_RESET and is not affected by
setting the STOP bit.
2
MPEN
Magic Packet Enable. MPEN al-
lows activation of the Magic
Packet mode by the host. The
Am79C976 controller will enter
the Magic Packet mode when
both MPEN and MPMODE are
set to 1.
Read/Write accessible. MPEN is
cleared to 0 by H_RESET or
S_RESET and is not affected by
setting the STOP bit.
1
MPMODE
The Am79C976 controller will en-
ter the Magic Packet mode when
MPMODE is set to 1 and either
PG is asserted or MPEN is set
to 1.
Read/Write
accessible.
MP-
MODE
is
cleared
to
0
by
H_RESET or S_RESET and is
not affected by setting the STOP
bit.
0
SPND
Suspend. Setting SPND to 1 will
cause the Am79C976 controller
to start requesting entrance into
suspend mode. The host must
poll SPND until it reads back 1 to
determine that the Am79C976
controller has entered the sus-
pend mode. Setting SPND to 0
will get the Am79C976 controller
out of suspend mode. SPND can
only be set to 1 if STOP (CSR0,
bit 2) is set to 0. H_RESET,
S_RESET or setting the STOP bit
will get the Am79C976 controller
out of suspend mode.
Requesting entrance into the
suspend mode by the host de-
pends on the setting of the
FASTSPNDE bit (CSR7, bit 15).
Refer to the bit description of the
FASTSPNDE bit and the Sus-
pend section in Detailed Func-
tions, Buffer Management Unit
for details.
In suspend mode, all of the CSR
and BCR registers are accessi-
ble. As long as the Am79C976
controller is not reset while in
suspend mode (by H_RESET,
S_RESET or by setting the STOP
bit), no re-initialization of the de-
vice is required after the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com