Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 183 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 183 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 179Page - Advanced Micro Devices AM79C976 Datasheet HTML 180Page - Advanced Micro Devices AM79C976 Datasheet HTML 181Page - Advanced Micro Devices AM79C976 Datasheet HTML 182Page - Advanced Micro Devices AM79C976 Datasheet HTML 183Page - Advanced Micro Devices AM79C976 Datasheet HTML 184Page - Advanced Micro Devices AM79C976 Datasheet HTML 185Page - Advanced Micro Devices AM79C976 Datasheet HTML 186Page - Advanced Micro Devices AM79C976 Datasheet HTML 187Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 309 page
background image
8/01/00
Am79C976
183
P R E L I M INARY
is not affected by S_RESET or
setting the STOP bit.
6
MAPINTE
MII Auto-Poll Interrupt Enable. If
MAPINTE is set, the MAPINT bit
will be able to set the INTR bit.
Read/Write accessible.
MAP-
INTE is set to 0 by H_RESET and
is not affected by S_RESET or
setting the STOP bit
5
MCCINT
MII
Management
Command
Complete Interrupt. The MII Man-
agement Command Complete In-
terrupt is set by the Am79C976
controller when a read or write
operation to the MII Data Port
(BCR34) is complete.
When MCCINT is set to 1, INTA
is asserted if the enable bit
MCCINTE is set to 1.
Read/Write accessible. MCCINT
is cleared by the host by writing a
1. Writing a 0 has no effect.
MCCINT is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
4
MCCINTE
MII
Management
Command
Complete Interrupt Enable. If
MCCINTE
is
set
to
1,
the
MCCINT bit will be able to set the
INTR bit when the host reads or
writes to the MII Data Port
(BCR34) only. Internal MII Man-
agement Commands will not gen-
erate an interrupt. For instance,
Auto-Poll state machine generat-
ed MII management frames will
not generate an interrupt upon
completion unless there is a com-
pare error which gets reported
through the MAPINT (CSR7, bit
6) interrupt or the MCCIINTE is
set to 1.
Read/Write
accessible.
MC-
CINTE is set to 0 by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
3
MCCIINT
MII
Management
Command
Complete Internal Interrupt. The
MII
Management
Command
Complete Interrupt is set by the
Am79C976 controller when a
read or write operation on the MII
management port is complete
from an internal operation. Exam-
ples of internal operations are
Auto-Poll or MII Management
Port generated MII management
frames. These are normally hid-
den to the host.
When MCCIINT is set to 1, INTA
is asserted if the enable bit
MCCINTE is set to 1.
Read/Write accessible. MCCIINT
is cleared by the host by writing a
1. Writing a 0 has no effect.
MCCIINT
is
cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
2
MCCIINTE
MII
Management
Command
Complete Internal Interrupt En-
able. If MCCIINTE is set to 1, the
MCCIINT bit will be able to set
the INTR bit when the internal
state
machines
generate
MII
management
frames.
For
in-
stance, when MCCIINTE is set to
1 and the Auto-Poll state ma-
chine generates a MII manage-
ment frame, the MCCIINT will set
the INTR bit upon completion of
the MII management frame re-
gardless of the comparison out-
come.
Read/Write
accessible.
MCCIINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
1
MIIPDTINT MII PHY Detect Transition Inter-
rupt. The MII PHY Detect Transi-
tion
Interrupt
is
set
by
the
Am79C976 controller whenever
the MIIPD bit (BCR32, bit 14)
transitions from 0 to 1 or vice ver-
sa.
Read/Write
accessible.
MIIP-
DTINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect. MIIPDTINT is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com