Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 185 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 185 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 181Page - Advanced Micro Devices AM79C976 Datasheet HTML 182Page - Advanced Micro Devices AM79C976 Datasheet HTML 183Page - Advanced Micro Devices AM79C976 Datasheet HTML 184Page - Advanced Micro Devices AM79C976 Datasheet HTML 185Page - Advanced Micro Devices AM79C976 Datasheet HTML 186Page - Advanced Micro Devices AM79C976 Datasheet HTML 187Page - Advanced Micro Devices AM79C976 Datasheet HTML 188Page - Advanced Micro Devices AM79C976 Datasheet HTML 189Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 309 page
background image
8/01/00
Am79C976
185
P R E L I M INARY
or a direct register write has been
performed on this register.
Read/Write
accessible.
These
bits are cleared by H_RESET but
are unaffected by S_RESET, or
STOP.
&653K\VLFDO$GGUHVV 5HJLVWHU
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PADR[31:16]Physical
Address
Register,
PADR[31:16]. The contents of
this register are loaded from EE-
PROM after H_RESET or by an
EEPROM
read
command
(PREAD, BCR19, bit 14). If the
EEPROM is not present, the con-
tents of this register are unde-
fined.
This register can also be loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
Read/Write
accessible.
These
bits are cleared by H_RESET but
are unaffected by S_RESET, or
STOP.
&653K\VLFDO$GGUHVV 5HJLVWHU
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PADR[47:32]Physical
Address
Register,
PADR[47:32].The
contents
of
this register are loaded from
EEPROM after H_RESET or by
an
EEPROM
read
command
(PREAD, BCR19, bit 14). If the
EEPROM is not present, the con-
tents of this register are unde-
fined.
This register can also be loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
Read/Write
accessible.
These
bits are cleared by H_RESET but
are unaffected by S_RESET, or
STOP.
&650RGH
This register’s fields are loaded during the Am79C976
controller initialization routine with the corresponding
Initialization Block values, or when a direct register write
has been performed on this register.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
PROM
Promiscuous
Mode.
When
PROM = 1, all incoming receive
frames are accepted.
Read/Write accessible.
14
DRCVBC
Disable
Receive
Broadcast.
When
set,
disables
the
Am79C976 controller from re-
ceiving
broadcast
messages.
Used for protocols that do not
support broadcast addressing,
except as a function of multicast.
DRCVBC is cleared by activation
of
H_RESET
or
S_RESET
(broadcast messages will be re-
ceived) and is unaffected by
STOP.
Read/Write accessible.
13
DRCVPA
Disable Receive Physical Ad-
dress. When set, the physical ad-
dress detection (Station or node
ID) of the Am79C976 controller
will be disabled. Frames ad-
dressed to the node’s individual
physical address will not be rec-
ognized.
Read/Write accessible.
12-9
RES
Reserved locations. Written as
zeros and read as undefined.
8-7
PORTSEL[1:0]Obsolete function. Writing has
no effect. Read as undefined.
6
INTL
Obsolete function. Writing has no
effect. Read as undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com