Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 186 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 186 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 182Page - Advanced Micro Devices AM79C976 Datasheet HTML 183Page - Advanced Micro Devices AM79C976 Datasheet HTML 184Page - Advanced Micro Devices AM79C976 Datasheet HTML 185Page - Advanced Micro Devices AM79C976 Datasheet HTML 186Page - Advanced Micro Devices AM79C976 Datasheet HTML 187Page - Advanced Micro Devices AM79C976 Datasheet HTML 188Page - Advanced Micro Devices AM79C976 Datasheet HTML 189Page - Advanced Micro Devices AM79C976 Datasheet HTML 190Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 309 page
background image
186
Am79C976
8/01/00
P R E L I M INARY
5
DRTY
Disable Retry. When DRTY is set
to 1, the Am79C976 controller will
attempt only one transmission. In
this mode, the device will not pro-
tect the first 64 bytes of frame
data in the Transmit FIFO from
being overwritten, because auto-
matic retransmission will not be
necessary. When DRTY is set to
0, the Am79C976 controller will
attempt 16 transmissions before
signaling a retry error.
Read/Write accessible.
4
FCOLL
Force Collision. This bit allows
the collision logic to be tested.
The Am79C976 controller must
be in internal loopback for FCOLL
to be valid. If FCOLL = 1, a colli-
sion will be forced during loop-
back
transmission
attempts,
which will result in a Retry Error.
If FCOLL = 0, the Force Collision
logic will be disabled. FCOLL is
defined
after
the
initialization
block is read.
Read/Write accessible.
3
DXMTFCS
Disable Transmit CRC (FCS).
When DXMTFCS is set to 0, the
transmitter will generate and ap-
pend an FCS to the transmitted
frame. When DXMTFCS is set to
1, no FCS is generated or sent
with
the
transmitted
frame.
DXMTFCS is overridden when
ADD_FCS and ENP bits are set
in the transmit descriptor.
When the auto padding logic,
which
is
enabled
by
the
APAD_XMT bit (CSR4, bit11),
adds padding to a frame, a valid
FCS field is appended to the
frame, regardless of the state of
DXMTFCS.
If
DXMTFCS
is
set
and
ADD_FCS is clear for a particular
frame, no FCS will be generated.
If ADD_FCS is set for a particular
frame, the state of DXMTFCS is
ignored and a FCS will be ap-
pended on that frame by the
transmit circuitry. See also the
ADD_FCS bit in the transmit de-
scriptor.
This bit was called DTCR in the
LANCE (Am7990) device.
Read/Write accessible.
2
LOOP
Loopback
Enable
allows
the
Am79C976 controller to operate
in full-duplex mode for test pur-
poses. The setting of the full-
duplex control bits in BCR9 have
no effect when the device oper-
ates in loopback mode. When
LOOP = 1, loopback is enabled.
In combination with INTL and
MIIILP, various loopback modes
are defined as follows:.
Refer to Loop Back Operation
section for more details.
Read/Write accessible. LOOP is
cle a red
b y
H _ R ESET
or
S_RESET and is unaffected by
STOP.
1
DTX
Disable
Transmit
results
in
Am79C976 controller not access-
ing the Transmit Descriptor Ring
and, therefore, no transmissions
are attempted. DTX = 0, will set
TXON bit (CSR0 bit 4) if STRT
(CSR0 bit 1) is asserted.
Read/Write accessible.
0
DRX
Disable Receiver results in the
Am79C976 controller not access-
ing the Receive Descriptor Ring
and, therefore, all receive frame
data are ignored. DRX = 0, will
set RXON bit (CSR0 bit 5) if
STRT (CSR0 bit 1) is asserted.
Read/Write accessible.
&65 5HVHUYHG
Bit
Name
Description
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
LOOP
MIIILP
Function
0
0
Normal Operation
0
1
Internal Loop
1
0
External Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com