Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 182 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 182 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 178Page - Advanced Micro Devices AM79C976 Datasheet HTML 179Page - Advanced Micro Devices AM79C976 Datasheet HTML 180Page - Advanced Micro Devices AM79C976 Datasheet HTML 181Page - Advanced Micro Devices AM79C976 Datasheet HTML 182Page - Advanced Micro Devices AM79C976 Datasheet HTML 183Page - Advanced Micro Devices AM79C976 Datasheet HTML 184Page - Advanced Micro Devices AM79C976 Datasheet HTML 185Page - Advanced Micro Devices AM79C976 Datasheet HTML 186Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 309 page
background image
182
Am79C976
8/01/00
P R E L I M INARY
when it fetches a receive De-
scriptor. RDMD is cleared by
H_RESET
or
by
S_RESET.
RDMD is unaffected by setting
the STOP bit.
12
CHDPOLL
Disable Chain Polling. If CHD-
POLL is set, the Buffer Manage-
ment Unit
will disable
chain
polling. Likewise, if CHDPOLL is
cleared, automatic chain polling
is enabled. If CHDPOLL is set and
the Buffer Management Unit is in the
middle of a buffer-changing opera-
tion, setting the RDMD bit in CMD0 or
CSR7 will cause a poll of the current
receive descriptor, and setting the
TDMD bit in CMD0 or CRR0 will
cause a poll of the current transmit
descriptor.
If CHDPOLL is set, the
RDMD bit in CSR7 can be set to
initiate a manual poll of a receive
or transmit descriptor if the Buffer
Management Unit is in the middle
of a buffer-chaining operation.
Read/Write
accessible.
CHD-
POLL is cleared by H_RESET.
CHDPOLL
is
unaffected
by
S_RESET or by setting the STOP
bit.
11
STINT
Software Timer Interrupt. The
Software Timer interrupt is set by
the Am79C976 controller when
the Software Timer counts down
to 0. The Software Timer will im-
mediately load the STVAL (BCR
31, bits 5-0) into the Software
Timer and begin counting down.
When STINT is set to 1, INTA is
asserted if the enable bit STINTE
is set to 1.
Read/Write accessible. STINT is
cleared by the host by writing a 1.
Writing a 0 has no effect. STINT
is cleared by H_RESET and is
not affected by S_RESET or set-
ting the STOP bit.
10
STINTE
Software Timer Interrupt Enable.
If STINTE is set, the STINT bit
will be able to set the INTR bit.
Read/Write accessible. STINTE
is set to 0 by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
9
MREINT
MII Management Read Error In-
terrupt. The MII Read Error inter-
rupt is set by the Am79C976
controller to indicate that the cur-
rently read register from the ex-
ternal
PHY
is
invalid.
The
contents of BCR34 are incorrect
and that the operation should be
performed again. The indication
of an incorrect read comes from
the PHY. During the read turn-
around time of the MII manage-
ment frame the external PHY
should drive the MDIO pin to a
LOW state. If this does not hap-
pen, it indicates that the PHY and
the Am79C976 controller have
lost synchronization.
When MREINT is set to 1, INTA is
asserted if the enable bit MREIN-
TE is set to 1.
Read/Write accessible. MREINT
is cleared by the host by writing a
1. Writing a 0 has no effect. MRE-
INT is cleared by H_RESET and
is not affected by S_RESET or
setting the STOP bit.
8
MREINTE
MII Management Read Error In-
terrupt Enable. If MREINTE is
set, the MREINT bit will be able to
set the INTR bit.
Read/Write accessible. MREIN-
TE is set to 0 by H_RESET and is
not affected by S_RESET or set-
ting the STOP bit
7
MAPINT
MII Management Auto-Poll Inter-
rupt. This bit is set when the
Auto-Poll State Machine detects
a change in any PHY register that
is polled by the Auto-Poll State
Machine.
When MAPINT is set to 1, INTA is
asserted if the enable bit MAP-
INTE is set to 1.
Read/Write accessible. MAPINT
is cleared by the host by writing a
1. Writing a 0 has no effect. MAP-
INT is cleared by H_RESET and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com