Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 188 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 188 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 184Page - Advanced Micro Devices AM79C976 Datasheet HTML 185Page - Advanced Micro Devices AM79C976 Datasheet HTML 186Page - Advanced Micro Devices AM79C976 Datasheet HTML 187Page - Advanced Micro Devices AM79C976 Datasheet HTML 188Page - Advanced Micro Devices AM79C976 Datasheet HTML 189Page - Advanced Micro Devices AM79C976 Datasheet HTML 190Page - Advanced Micro Devices AM79C976 Datasheet HTML 191Page - Advanced Micro Devices AM79C976 Datasheet HTML 192Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 309 page
background image
188
Am79C976
8/01/00
P R E L I M INARY
Read/Write
accessible.
These
bits are unaffected by H_RESET,
S_RESET, or STOP.
&65 5HVHUYHG
Bit
Name
Description
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
&657UDQVPLW 3ROOLQJ,QWHUYDO
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
TXPOLLINT
Transmit Polling Interval. This
register contains the time that the
Am79C976 controller will wait be-
tween successive polling opera-
tions. The TXPOLLINT value is
expressed as the two’s comple-
ment of the desired interval,
where each bit of TXPOLLINT
represents 1 PCI clock period.
TXPOLLINT[3:0]
are
ignored.
(TXPOLLINT[16] is implied to be
a one, so TXPOLLINT[15] is sig-
nificant and does not represent
the sign of the two’s complement
TXPOLLINT value.)
The default value of this register
is 0000h. This corresponds to a
polling interval of 65,536 clock
periods
(1.966
ms
when
CLK = 33 MHz).
Setting the INIT bit starts an ini-
tialization process that sets TX-
POLLINT to its default value. If
the user wants to program a val-
ue for TXPOLLINT other than the
default, then he must change the
value after the initialization se-
quence has completed.
If the user does not use the initial-
ization block to initialize the
Am79C976 device, but instead,
chooses to write directly to each
of the registers that are involved
in the INIT operation, then it is im-
perative that the user also writes
an acceptable value to CSR47 as
part of the alternative initialization
sequence.
Read/Write
accessible.
These
bits are unaffected by H_RESET,
S_RESET, or STOP.
&655HVHUYHG
Bit
Name
Description
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
&65&KDLQ3ROOLQJ ,QWHUYDO
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
CHPOLLINT Chain Polling Interval. This regis-
ter contains the time that the
Am79C976 controller will wait be-
tween successive polling opera-
tions
when
the
Buffer
Management Unit is in the middle
of a buffer chaining operation.
The CHPOLLINT value is ex-
pressed as the two’s complement
of the desired interval, where
each bit of CHPOLLINT approxi-
mately represents one PCI clock
time period. CHPOLLINT[3:0] are
ignored. (CHPOLLINT[16] is im-
plied to be a 1, so CHPOL-
LINT[15] is significant and does
not represent the sign of the two’s
complement CHPOLLINT value.)
The default value of this register
is 0000h. This corresponds to a
polling interval of 65,536 clock
periods
(1.966
ms
when
CLK = 33 MHz).
Setting the INIT bit starts an ini-
tialization
process
that
sets
CHPOLLINT to its default value.
If the user wants to program a
value for CHPOLLINT other than
the default, then he must change
the value after the initialization
sequence has completed.
If the user does not use the initial-
ization block to initialize the
Am79C976 device, but instead,
chooses to write directly to each
of the registers that are involved
in the INIT operation, then it is im-
perative that the user also writes
an acceptable value to CSR49 as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com