Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 176 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 176 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 172Page - Advanced Micro Devices AM79C976 Datasheet HTML 173Page - Advanced Micro Devices AM79C976 Datasheet HTML 174Page - Advanced Micro Devices AM79C976 Datasheet HTML 175Page - Advanced Micro Devices AM79C976 Datasheet HTML 176Page - Advanced Micro Devices AM79C976 Datasheet HTML 177Page - Advanced Micro Devices AM79C976 Datasheet HTML 178Page - Advanced Micro Devices AM79C976 Datasheet HTML 179Page - Advanced Micro Devices AM79C976 Datasheet HTML 180Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 309 page
background image
176
Am79C976
8/01/00
P R E L I M INARY
9
TINTM
Transmit
Interrupt
Mask.
If
TINTM is set, the TINT bit will be
masked and unable to set the
INTR bit.
Read/Write accessible. TINTM is
set by H_RESET but cleared by
S_RESET and is not affected by
STOP.
8
IDONM
Initialization
Done
Mask.
If
IDONM is set, the IDON bit will be
masked and unable to set the
INTR bit.
Read/Write accessible. IDONM is
cleared
by
H_RESET
or
S_RESET and is not affected by
STOP.
7
RES
Reserved location. Read and
written as zeros.
6
DXSUFLO
Obsolete function. Writing has no
effect. Read as undefined.
5
LAPPEN
Look Ahead Packet Processing
Enable. When set to a 1, the
LAPPEN
bit
will
cause
the
Am79C976 controller to generate
an interrupt following the descrip-
tor write operation to the first buff-
er of a receive frame. This
interrupt will be generated in ad-
dition to the interrupt that is gen-
erated following the descriptor
write operation to the last buffer
of a receive packet. The interrupt
will be signaled through the RINT
bit of CSR0.
Setting LAPPEN to a 1 also en-
ables the Am79C976 controller to
read the STP bit of receive de-
scriptors. The Am79C976 con-
troller
will
use
the
STP
information to determine where it
should begin writing a receive
packet’s data. Note that while in
this mode, the Am79C976 con-
troller
can
write
intermediate
packet data to buffers whose de-
scriptors do not contain STP bits
set to 1. Following the write to the
last descriptor used by a packet,
the
Am79C976 controller will
scan through the next descriptor
entries to locate the next STP bit
that is set to a 1. The Am79C976
controller will begin writing the
next packets data to the buffer
pointed to by that descriptor.
Note that because several de-
scriptors may be allocated by the
host for each packet, and not all
messages may need all of the de-
scriptors that are allocated be-
tween descriptors that contain
STP = 1, then some descriptors/
buffers may be skipped in the
ring. While performing the search
for the next STP bit that is set to
1, the Am79C976 controller will
advance through the receive de-
scriptor ring regardless of the
state of ownership bits. If any of
the entries that are examined
during
this
search
indicate
Am79C976 controller ownership
of the descriptor but also indicate
STP = 0, then the Am79C976
controller will reset the OWN bit
to 0 in these entries. If a scanned
entry indicates host ownership
with
STP = 0,
then
the
Am79C976 controller will not al-
ter the entry, but will advance to
the next entry.
When the STP bit is found to be
true, but the descriptor that con-
tains this setting is not owned by
the Am79C976 controller, then
the Am79C976 controller will stop
advancing through the ring en-
tries and begin periodic polling of
this entry. When the STP bit is
found to be true, and the descrip-
tor that contains this setting is
owned by the Am79C976 control-
ler, then the Am79C976 control-
ler will stop advancing through
the ring entries, store the descrip-
tor information that it has just
read, and wait for the next re-
ceive to arrive.
This behavior allows the host
software
to
pre-assign
buffer
space in such a manner that the
header portion of a receive pack-
et will always be written to a par-
ticular memory area, and the data
portion of a receive packet will al-
ways be written to a separate
memory area. The interrupt is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com