Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 159 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 159 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 155Page - Advanced Micro Devices AM79C976 Datasheet HTML 156Page - Advanced Micro Devices AM79C976 Datasheet HTML 157Page - Advanced Micro Devices AM79C976 Datasheet HTML 158Page - Advanced Micro Devices AM79C976 Datasheet HTML 159Page - Advanced Micro Devices AM79C976 Datasheet HTML 160Page - Advanced Micro Devices AM79C976 Datasheet HTML 161Page - Advanced Micro Devices AM79C976 Datasheet HTML 162Page - Advanced Micro Devices AM79C976 Datasheet HTML 163Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 309 page
background image
8/01/00
Am79C976
159
P R E L I M INARY
/(' &RQWURO5HJLVWHU
Offset 0E2h
This register controls the function(s) that the LED1 pin
displays. Multiple functions can be simultaneously en-
abled on this LED pin. The LED display will indicate the
logical OR of the enabled functions. This register de-
faults to transmit or receive activity (XMTE = 1 and
RCVE = 1) with pulse stretcher enabled (PSE = 1) and
is fully programmable.
All bits in this register are restored to their default val-
ues when the RST pin is asserted, before the serial
EEPROM is read, and after a serial EEPROM read er-
ror.
This register is an alias of BCR5.
The functions of the bits in this register are identical to
those of the LED0 Control Register, except that for this
register the default value for the XMTE, RCVE, and
PSE bits is 1, and the default value for all other bits is 0.
/(' &RQWURO5HJLVWHU
Offset 0E4h
This register controls the function(s) that the LED2 pin
displays. Multiple functions can be simultaneously en-
abled on this LED pin. The LED display will indicate the
logical OR of the enabled functions. This register de-
faults to 100 Mb/s speed indication (100E = 1) with
pulse stretcher enabled (PSE = 1) and is fully program-
mable.
All bits in this register are restored to their default val-
ues when the RST pin is asserted, before the serial
EEPROM is read, and after a serial EEPROM read
error.
This register is an alias of BCR6.
The functions of the bits in this register are identical to
those of the LED0 Control Register, except that for this
register the default value for the 100E and PSE bits is
1, and the default value for all other bits is 0.
/(' &RQWURO5HJLVWHU
Offset 0E6h
This register controls the function(s) that the LED3 pin
displays. Multiple functions can be simultaneously en-
abled on this LED pin. The LED display will indicate the
logical OR of the enabled functions. This register de-
faults to collision indication (COLE = 1) with pulse
stretcher enabled (PSE = 1) and is fully programmable.
All bits in this register are restored to their default val-
ues when the RST pin is asserted, before the serial
EEPROM is read, and after a serial EEPROM read er-
ror.
This register is an alias of BCR7.
The functions of the bits in this register are identical to
those of the LED0 Control Register, except that for this
register the default value for the COLE and PSE bits is
1, and the default value for all other bits is 0.
5
RCVME
Receive Match Status Enable. When this bit is set, a value of 1 is passed to the LEDOUT bit in this
register when there is receive activity on the network that has passed the address match function
for this node. All address matching modes are included: physical, logical filtering, broadcast and
promiscuous.
The default value of this bit is 0.
4XMTE
Transmit Status Enable. When this bit is set, a value of 1 is passed to the LEDOUT bit in this register
when there is transmit activity on the network.
The default value of this bit is 0.
3
RES
Reserved location. Written and read as undefined.
2
RCVE
Receive Status Enable. When this bit is set, a value of 1 is passed to the LEDOUT bit in this register
when there is receive activity on the network.
The default value of this bit is 0.
1SFBDE
Start Frame/Byte Delimiter Enable. When this bit is set, a value of 1 is passed to the LEDOUT bit
in this register when the RXD[3:0] pins are presenting the least significant nibble of valid frame
data.
The default value of this bit is 0.
0COLE
Collision Status Enable. When this bit is set, a value of 1 is passed to the LEDOUT bit in this
register when there is collision activity on the network.
The default value of this bit is 0.
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com