Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 152 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 152 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 148Page - Advanced Micro Devices AM79C976 Datasheet HTML 149Page - Advanced Micro Devices AM79C976 Datasheet HTML 150Page - Advanced Micro Devices AM79C976 Datasheet HTML 151Page - Advanced Micro Devices AM79C976 Datasheet HTML 152Page - Advanced Micro Devices AM79C976 Datasheet HTML 153Page - Advanced Micro Devices AM79C976 Datasheet HTML 154Page - Advanced Micro Devices AM79C976 Datasheet HTML 155Page - Advanced Micro Devices AM79C976 Datasheet HTML 156Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 309 page
background image
152
Am79C976
8/01/00
P R E L I M INARY
,)6 ,QWHU)UDPH 6SDFLQJ3DUW5HJLVWHU
Offset 18Ch
The contents of this register are set to 3ch when the
RST pin is asserted, before the serial EEPROM is
read, and after a serial EEPROM read error.
Table 58. IFS1: Inter-Frame Spacing Part 1 Register
16
FCCMD
Flow Control Command. In full-duplex mode this bit allows the host CPU to cause a Pause Frame
to be sent by issuing a single command. In half-duplex mode, setting this bit puts the device into
back-pressure mode, which has the effect of forcing the remote transmitter to delay transmissions
while the local system is freeing up congested resources.
If the device is operating in full-duplex mode and the value of the FIXP bit is 1, when FCCMD is
changed from 0 to 1, a Pause Frame is sent with its Request_operand field copied from the
PAUSE_LEN field of this register. After the Pause Frame is sent, the FCCMD bit is automatically
reset to 0.
If the device is operating in full-duplex mode and the value of the FIXP bit is 0, when FCCMD is
changed from 0 to 1, a Pause Frame is sent with its Request_operand field filled with all 1s, and
the FCCMD bit is not automatically reset to 0. When FCCMD is changed from 1 to 0, a Pause
Frame is sent with its Request_operand field filled with all 0s.
If the device is operating in half-duplex mode, setting FCCMD to 1 puts the MAC into back-pressure
mode. In back-pressure mode, whenever the MAC detects receiver activity, it transmits a series of
alternating 1s and 0s to force a collision.
If a logical 1 is written to this bit position, the corresponding bit in the register will be loaded with
the contents of the VAL2 bit. If a logical 0 is written to this bit position, the corresponding bit in the
register will not be altered.
15-0
PAUSE_LEN
Pause Length. The contents of this field are copied into the Request_operand fields of MAC Control
Pause Frames that are transmitted while the FIXP bit in this register is set to 1.
Bit
Name
Description
Bit
Name
Description
7-0
IFS1
InterFrameSpacingPart1. Changing IFS1 allows the user to program the value of the InterFrame-
SpacePart1 timing. The Am79C976 controller sets the default value at 60 bit times (3ch). See the
subsection on Medium Allocation in the section Media Access Management for more details. The
equation for setting IFS1 when IPG
˜ 96 bit times is:
IFS1 = IPG - 36 bit times
IPG should be programmed to the nearest nibble. The two least significant bits are ignored. For
example, programming IPG to 63h has the same effect as programming it to 60h.
This register is an alias for CSR125, bits [7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com