Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 149 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 149 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 145Page - Advanced Micro Devices AM79C976 Datasheet HTML 146Page - Advanced Micro Devices AM79C976 Datasheet HTML 147Page - Advanced Micro Devices AM79C976 Datasheet HTML 148Page - Advanced Micro Devices AM79C976 Datasheet HTML 149Page - Advanced Micro Devices AM79C976 Datasheet HTML 150Page - Advanced Micro Devices AM79C976 Datasheet HTML 151Page - Advanced Micro Devices AM79C976 Datasheet HTML 152Page - Advanced Micro Devices AM79C976 Datasheet HTML 153Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 309 page
background image
8/01/00
Am79C976
149
P R E L I M INARY
Table 54. Interface Pin Assignment
2ECS
EEPROM Chip Select. This bit is used to control the value of the EECS pin of the interface when
the EEN bit is set to 1 and the PREAD bit is set to 0. If EEN = 1 and PREAD = 0 and ECS is set to
a 1, then the EECS pin will be forced to a HIGH level at the rising edge of the next clock following
bit programming.
If EEN = 1 and PREAD = 0 and ECS is set to a 0, then the EECS pin will be forced to a LOW level
at the rising edge of the next clock following bit programming. ECS has no effect on the output value
of the EECS pin unless the PREAD bit is set to 0 and the EEN bit is set to 1.
1
ESK
EEPROM Serial Clock. This bit and the EDI/EDO bit are used to control host access to the
EEPROM. Values programmed to this bit are placed onto the EESK pin at the rising edge of the
next clock following bit programming, except when the PREAD bit is set to 1 or the EEN bit is set
to 0. If both the ESK bit and the EDI/EDO bit values are changed during the same register write
operation, while EEN = 1, then setup and hold times of the EEDI pin value with respect to the EESK
signal edge are not guaranteed.
ESK has no effect on the EESK pin unless the PREAD bit is set to 0 and the EEN bit is set to 1.
0
EDI/EDO
EEPROM Data In/EEPROM Data Out. Data that is written to this bit will appear on the EEDI output
of the interface, except when the PREAD bit is set to 1 or the EEN bit is set to 0. Data that is read
from this bit reflects the value of the EEDO input of the interface.
EDI/EDO has no effect on the EEDI pin unless the PREAD bit is set to 0 and the EEN bit is set to 1.
Bit
Name
Description
567 Pin
PREAD or Auto
Read in Progress
EEN
EECS
EESK
EEDI
Low
X
X
0
Tri-State
Tri-State
High
1
X
Active
Active
Active
High
0
1
From ECS Bit
From ESK Bit
From EDI Bit
High
0
0
0
LED1
LED0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com