Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 52 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 48Page - STMicroelectronics AN3393 Datasheet HTML 49Page - STMicroelectronics AN3393 Datasheet HTML 50Page - STMicroelectronics AN3393 Datasheet HTML 51Page - STMicroelectronics AN3393 Datasheet HTML 52Page - STMicroelectronics AN3393 Datasheet HTML 53Page - STMicroelectronics AN3393 Datasheet HTML 54Page - STMicroelectronics AN3393 Datasheet HTML 55Page - STMicroelectronics AN3393 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 103 page
background image
Operation codes
AN3393
52/103
DocID018750 Rev 4
This condition affects or is affected by the following registers:
–
THRS2_y: Threshold 2 value;
–
MASKy_A and MASKy_B: Axis mask filter values;
–
SETTy, bit ABS: Unsigned/signed settings;
–
SETTy, bit R_TAM: Release temporary output mask settings;
–
SETTy, bit P_DET: Peak detection settings;
–
PEAKy: Peak output value;
–
PRy: Program and Reset pointer addresses.
6.1.8
LNTH1 (7h)
The LNTH1 condition is valid if any/triggered axis of data sample set (X, Y, Z, V) is less than
or equal to threshold 1 level.
Threshold is: THRS1_y - Hysteresis.
Hysteresis is:
–
State Machine 1: CTRL_REG1, bits HYST2_1, HYST1_1 and HYST0_1;
–
State Machine 2: CTRL_REG2, bits HYST2_2, HYST1_2 and HYST0_2.
This condition affects or is affected by the following registers:
–
THRS1_y: Threshold 1 value;
–
MASKy_A and MASKy_B: Axis mask filter values;
–
SETTy, bit ABS: Unsigned/signed settings;
–
SETTy, bit R_TAM: Release temporary output mask settings;
–
SETTy, bit P_DET: Peak detection settings;
–
PEAKy: Peak output value;
–
PRy: Program and Reset pointer addresses.
6.1.9
LNTH2 (8h)
The LNTH2 condition is valid if any/triggered axis of data sample set (X, Y, Z, V) is less than
or equal to threshold 2 level.
Threshold is: THRS2_y - Hysteresis.
Hysteresis is:
–
State Machine 2: CTRL_REG1, bits HYST2_1, HYST1_1 and HYST0_1;
–
State Machine 3: CTRL_REG2, bits HYST2_2, HYST1_2 and HYST0_2.
This condition affects or is affected by the following registers:
–
THRS2_y: Threshold 2 value;
–
MASKy_A and MASKy_B: Axis mask filter values;
–
SETTy, bit ABS: Unsigned/signed settings;
–
SETTy, bit R_TAM: Release temporary output mask settings;
–
SETTy, bit P_DET: Peak detection settings;
–
PEAKy: Peak output value;
–
PRy: Program and Reset pointer addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com