Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 95 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 91Page - STMicroelectronics AN3393 Datasheet HTML 92Page - STMicroelectronics AN3393 Datasheet HTML 93Page - STMicroelectronics AN3393 Datasheet HTML 94Page - STMicroelectronics AN3393 Datasheet HTML 95Page - STMicroelectronics AN3393 Datasheet HTML 96Page - STMicroelectronics AN3393 Datasheet HTML 97Page - STMicroelectronics AN3393 Datasheet HTML 98Page - STMicroelectronics AN3393 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 103 page
background image
DocID018750 Rev 4
95/103
AN3393
First-in first-out (FIFO) buffer
103
1.
FIFO sample set (6 bytes) is read faster than 1*ODR: data are correctly retrieved
because a free slot is made available before new data is generated.
2.
FIFO sample set (6 bytes) is read synchronous to 1*ODR: data are correctly retrieved
because a free slot is made available before new data is generated but FIFO benefits
are not exploited. This case is equivalent to reading data on the data-ready interrupt
and does not reduce interaction by the host processor compared to the standard
accelerometer reading.
3.
FIFO sample set (6 bytes) is read slower than 1*ODR: in this case some data is lost
because data recovery is not fast enough to free slots for new acceleration data,
Figure 31. The number of correctly recovered samples is related to the difference
between the current ODR and the reading rate of the FIFO sample set.
Figure 31. Stream mode slow reading behavior
In Figure 31, due to slow reading, data from “jj” are not retrieved because they are replaced
by the new acceleration samples generated by the system.
Figure 32. Stream mode slow reading zoom
After Stream mode enable, FIFO slots are filled at the end of each ODR time frame. The
read must start as soon as the OVRN flag is set to “1”, data are retrieved from FIFO at the
beginning of the read operation. When a read command is sent to the device, the content of
the output registers is moved to the SPI/I2C register and the current oldest FIFO value is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com