Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 16Page - STMicroelectronics AN3393 Datasheet HTML 17Page - STMicroelectronics AN3393 Datasheet HTML 18Page - STMicroelectronics AN3393 Datasheet HTML 19Page - STMicroelectronics AN3393 Datasheet HTML 20Page - STMicroelectronics AN3393 Datasheet HTML 21Page - STMicroelectronics AN3393 Datasheet HTML 22Page - STMicroelectronics AN3393 Datasheet HTML 23Page - STMicroelectronics AN3393 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 103 page
background image
MASK1_B
59h
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
MASK1_A
5Ah
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
SETT1
5Bh
P_DET
THR3_SA
ABS
-
-
THR3_MA
R_TAM
SITR
PR1
5Ch
PP3
PP2
PP1
PP0
RP3
RP2
RP1
RP0
TC1_L
5Dh
TC1_7
TC1_6
TC1_5
TC1_4
TC1_3
TC1_2
TC1_1
‘TC1_0
TC1_H
5Eh
TC1_15
TC1_14
TC1_13
TC1_12
TC1_11
TC1_10
TC1_9
TC1_8
OUTS1
5Fh
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
ST2_X
60h - 6Fh
ST2_7
ST2_6
ST2_5
ST2_4
ST2_3
ST2_2
ST2_1
ST2_0
TIM4_2
70h
TM_7
TM_6
TM_5
TM_4
TM_3
TM_2
TM_1
TM_0
TIM3_2
71h
TM_7
TM_6
TM_5
TM_4
TM_3
TM_2
TM_1
TM_0
TIM2_2_L
72h
TM_7
TM_6
TM_5
TM_4
TM_3
TM_2
TM_1
TM_0
TIM2_2_H
73h
TM_15
TM_14
TM_13
TM_12
TM_11
TM_10
TM_9
TM_8
TIM1_2_L
74h
TM_7
TM_6
TM_5
TM_4
TM_3
TM_2
TM_1
TM_0
TIM1_2_H
75h
TM_15
TM_14
TM_13
TM_12
TM_11
TM_10
TM_9
TM_8
THRS2_2
76h
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THRS1_2
77h
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
DES2
78h
D7
D6
D5
D4
D3
D2
D1
D0
MASK2_B
79h
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
MASK2_A
7Ah
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
SETT2
7Bh
P_DET
THR3_SA
ABS
RADI
D_CS
THR3_MA
R_TAM
SITR
PR2
7Ch
PP3
PP2
PP1
PP0
RP3
RP2
RP1
RP0
TC2_L
7Dh
TC2_7
TC2_6
TC2_5
TC2_4
TC2_3
TC2_2
TC2_1
TC2_0
TC2_H
7Eh
TC2_15
TC2_14
TC2_13
TC2_12
TC2_11
TC2_10
TC2_9
TC2_8
OUTS2
7Fh
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 6. Register table (continued)
Register
name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com