Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 69 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 65Page - STMicroelectronics AN3393 Datasheet HTML 66Page - STMicroelectronics AN3393 Datasheet HTML 67Page - STMicroelectronics AN3393 Datasheet HTML 68Page - STMicroelectronics AN3393 Datasheet HTML 69Page - STMicroelectronics AN3393 Datasheet HTML 70Page - STMicroelectronics AN3393 Datasheet HTML 71Page - STMicroelectronics AN3393 Datasheet HTML 72Page - STMicroelectronics AN3393 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 103 page
background image
DocID018750 Rev 4
69/103
AN3393
Operation codes
103
Actions:
1.
The STIM4 command replaces the current value of the TIM4_y register address to a
new byte (1st parameter) on the current State Machine:
–
The new value of the TIM4_y register is valid starting from the next step;
–
Program pointer is increased by 2 units: PPy = PPy +2.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses;
–
TIM4_y: Timer 4 limit value.
6.2.28
SRTAM1 (43h)
The SRTAM1 command configures the R_TAM bit to release the temporary axis mask after
every valid NEXT condition.
This command has no parameters and it is an “Immediately executed” type.
Actions:
1.
SRTAM1 command sets register SETTy, bit RTAM to 1:
–
The temporary axis mask value is set to default after every valid NEXT condition;
–
The new value of the SETTy register is valid starting from the next step.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses;
–
SETTy, bit R_TAM: Temporary axis mask and peak state flag release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com