Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 7Page - STMicroelectronics AN3393 Datasheet HTML 8Page - STMicroelectronics AN3393 Datasheet HTML 9Page - STMicroelectronics AN3393 Datasheet HTML 10Page - STMicroelectronics AN3393 Datasheet HTML 11Page - STMicroelectronics AN3393 Datasheet HTML 12Page - STMicroelectronics AN3393 Datasheet HTML 13Page - STMicroelectronics AN3393 Datasheet HTML 14Page - STMicroelectronics AN3393 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
DocID018750 Rev 4
11/103
AN3393
Operating modes
103
1
Operating modes
The LIS3DSH provides two different operating modes: power-down mode and normal
mode.
After the power supply is applied, the LIS3DSH performs a 10 ms boot procedure to load
trimming parameters from internal Flash memory. After the boot is completed, the device is
automatically configured in power-down mode.
Referring to the LIS3DSH datasheet, the output data rate (ODR) and Zen, Yen, Xen bits of
the CTRL_REG4 register are used to select the operating modes (power-down and Normal
mode) and the output data rate (see Table 1).
Table 2 shows typical values of power consumption for the different operating modes.
Table 1. Data rate configuration
ODR3
ODR2
ODR1
ODR0
ODR selection
0000
Power-down
0001
3.125 Hz
0010
6.25 Hz
0011
12.5 Hz
0100
25 Hz
0101
50 Hz
0110
100 Hz
0111
400 Hz
1000
800 Hz
0001
1600 Hz
Table 2. Power consumption
ODR (Hz)
Current consumption (μA) @ Vdd = 2.5 V [typ.]
Power-down
2
3.125
11
6.25
19
12.5
35
25
67
50
119
100
225
400
225
800
225
1600
225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com