Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 65 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 61Page - STMicroelectronics AN3393 Datasheet HTML 62Page - STMicroelectronics AN3393 Datasheet HTML 63Page - STMicroelectronics AN3393 Datasheet HTML 64Page - STMicroelectronics AN3393 Datasheet HTML 65Page - STMicroelectronics AN3393 Datasheet HTML 66Page - STMicroelectronics AN3393 Datasheet HTML 67Page - STMicroelectronics AN3393 Datasheet HTML 68Page - STMicroelectronics AN3393 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 103 page
background image
DocID018750 Rev 4
65/103
AN3393
Operation codes
103
Figure 11. SSYNC - SM2 used as subroutine of SM1
Actions:
1.
When both State Machine 1 and State Machine 2 are enabled:
–
If State Machine 1 is executed, then STAT, bit SYNC1 = 1 and STAT, bit SYNC2 =
0: State Machine 1 is stopped and it waits for synchronization release/restart from
State Machine 2;
–
If State Machine 2 is executed, then STAT, bit SYNC2 = 1 and STAT, bit SYNC1 =
0: State Machine 2 is stopped and it waits for synchronization release/restart from
State Machine 1.
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses;
–
STAT, bit SYNC1: Sync flag for State Machine 1;
–
STAT, bit SYNC2: Sync flag for State Machine 2.
6.2.17
SABS0 (12h)
The SABS0 command sets ABS setting to unsigned.
This command has no parameters and it is an “Immediately executed” type.
Actions:
1.
The SABS0 command sets register SETTy, bit ABS to 0:
–
Sign filter is not sign dependent;
–
The new value of the SETTy register is valid starting from the next step.
AM14777V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com