Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 70 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 66Page - STMicroelectronics AN3393 Datasheet HTML 67Page - STMicroelectronics AN3393 Datasheet HTML 68Page - STMicroelectronics AN3393 Datasheet HTML 69Page - STMicroelectronics AN3393 Datasheet HTML 70Page - STMicroelectronics AN3393 Datasheet HTML 71Page - STMicroelectronics AN3393 Datasheet HTML 72Page - STMicroelectronics AN3393 Datasheet HTML 73Page - STMicroelectronics AN3393 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 103 page
background image
Axis mask filter
AN3393
70/103
DocID018750 Rev 4
7
Axis mask filter
The axis mask filter is used to allow or prevent axes and sign triggers. It is possible to mask
in or out all 3 axes, X, Y and Z, both in a positive and negative direction. Moreover, it is also
possible to mask in or out the vector value V (defined in Section 5.3).
There are two independent mask registers (MASKA_y and MASKB_y) and two temporary
output axis masks; they are connected to the output register (OUTSy) as shown in
Figure 12: both mask registers have a corresponding temporary output mask in the internal
memory area (this area is not accessible by the user), which contains current results of the
trigger event used as the axis mask for the next comparison or output commands. The
temporary mask value is set as output when one of the output commands (such as CONT,
OUTC, OUTW, etc....) is performed. Finally, the output register is cleared by reading OUTSy
itself.
The ABS bit (unsigned/signed setting) and R_TAM bit (release temporary output mask
settings) in SETTy affect trigger events and temporary mask release.
Figure 12. Axis mask structure
7.1
Mask registers
Mask registers MASKy_A and MASKy_B are used to enable or disable mask action on the
input data (X,Y,Z,V). Data is filtered through mask: if a mask bit is set to 1, then the
corresponding axis and sign is enabled.
The default mask register is MASKy_A. However, it is possible to change the current active
mask by using the dedicated commands: SELMA (MASKy_A selected) and SELSA
(MASKy_B selected) described in Section 6.2.
AM14778V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com