Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 45Page - STMicroelectronics AN3393 Datasheet HTML 46Page - STMicroelectronics AN3393 Datasheet HTML 47Page - STMicroelectronics AN3393 Datasheet HTML 48Page - STMicroelectronics AN3393 Datasheet HTML 49Page - STMicroelectronics AN3393 Datasheet HTML 50Page - STMicroelectronics AN3393 Datasheet HTML 51Page - STMicroelectronics AN3393 Datasheet HTML 52Page - STMicroelectronics AN3393 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
DocID018750 Rev 4
49/103
AN3393
Operation codes
103
6
Operation codes
Operation (OP) codes can be divided into two groups: NEXT/RESET conditions and
COMMANDS.
1.
NEXT/RESET conditions are a combination of two conditions. All NEXT/RESET
conditions can be applied at any state and their evaluation occurs when a new sample
set (X, Y, Z, V) is generated. The two comparisons are executed in one single state;
NEXT/RESET conditions belonging to the same state are synchronized to the sample
clock.
2.
COMMANDS have special tasks for flow control, output and synchronization. There are
three types of commands, depending on execution timing:
–
Immediately executed: commands executed immediately as they appear;
–
Executed after trigger: wait for internal or external trigger to continue;
–
Special command (JMP command): conditional jump command.
The OP codes have a direct effect on registers and internal memories. For some OP codes,
additional side-effects can occur (such as update of status information).
6.1
Next/reset conditions
Note:
Character “y” in the text is used to refer to State Machine 1 or State Machine 2.
Table 83. Conditions
OP code
Mnemonic
Description
Note
0h
NOP
No operation
Execution moves to another
condition
1h
TI1
Timer 1 (16-bit value) valid
No evaluation of data samples
2h
TI2
Timer 2 (16-bit value) valid
No evaluation of data samples
3h
TI3
Timer 3 (8-bit value) valid
No evaluation of data samples
4h
TI4
Timer 4 (8-bit value) valid
No evaluation of data samples
5h
GNTH1
Any/triggered axis greater than
THRS1
First axis triggers
6h
GNTH2
Any/triggered axis greater than
THRS2
First axis triggers
7h
LNTH1
Any/triggered axis less than or equal
to THRS1
First axis triggers
8h
LNTH2
Any/triggered axis less than or equal
to THRS2
First axis triggers
9h
GTTH1
Any/triggered axis greater than
THRS1 but using always standard
axis mask (MASK1)
First axis triggers
Ah
LLTH2
All axis less than or equal to THRS2
First masked axis triggers
Bh
GRTH1
Any/triggered axis greater than
reversed THRS1
First axis triggers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com