Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 29Page - STMicroelectronics AN3393 Datasheet HTML 30Page - STMicroelectronics AN3393 Datasheet HTML 31Page - STMicroelectronics AN3393 Datasheet HTML 32Page - STMicroelectronics AN3393 Datasheet HTML 33Page - STMicroelectronics AN3393 Datasheet HTML 34Page - STMicroelectronics AN3393 Datasheet HTML 35Page - STMicroelectronics AN3393 Datasheet HTML 36Page - STMicroelectronics AN3393 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
DocID018750 Rev 4
33/103
AN3393
Register description
103
4.29
TIM1_1(54h - 55h)
16-bit unsigned initial value for Timer Counter 1 (5Dh-5Eh).
1LSb = 1/ODR.
4.30
THRS2_1(56h)
Threshold value for State Machine 1 conditions. Data are in two’s complement.
1LSb = FS/2^7.
4.31
THRS1_1(57h)
Threshold value for State Machine 1 conditions. Data are in two’s complement.
1LSb = FS/2^7.
4.32
MASK1_B(59h)
Axis and sign mask (swap) for State Machine 1 motion-detection operations. For more
information refer to Section 7.
Table 44. TIM2_1_L default values
00000000
Table 45. TIM2_1_H default values
00000000
Table 46. TIM1_1_L default values
00000000
Table 47. TIM1_1_H default values
00000000
Table 48. HRS2_1 default values
00000000
Table 49. THRS1_1 default values
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com