Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 8Page - STMicroelectronics AN3393 Datasheet HTML 9Page - STMicroelectronics AN3393 Datasheet HTML 10Page - STMicroelectronics AN3393 Datasheet HTML 11Page - STMicroelectronics AN3393 Datasheet HTML 12Page - STMicroelectronics AN3393 Datasheet HTML 13Page - STMicroelectronics AN3393 Datasheet HTML 14Page - STMicroelectronics AN3393 Datasheet HTML 15Page - STMicroelectronics AN3393 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 103 page
background image
Operating modes
AN3393
12/103
DocID018750 Rev 4
1.1
Power-down mode
When the device is in power-down mode, almost all internal blocks are switched off to
minimize power consumption. Digital interfaces (I2C and SPI) are still active to allow
communication with the device. The content of the configuration registers is preserved and
output data registers are not updated, therefore keeping the last data sampled in the
memory before switching to power-down mode.
1.2
Normal mode
In normal mode, data are generated at the selected output data rate (ODR) through the
ODR bits. Nine different ODR configurations are available in normal mode, from 3.125 Hz to
1600 Hz.
1.3
Switch mode timing
Turn-on times of the LIS3DSH accelerometer are shown in Table 3. Their values depend on
the ODR and bandwidth selected.
Table 3. Turn-on times
ODR [Hz]
Analog filter
BW = 800 Hz
Analog filter
BW = 400 Hz
Analog filter
BW = 200 Hz
Analog filter
BW = 50 Hz
1600
3/ODR
4/ODR
8/ODR
26/ODR
800
2/ODR
3/ODR
5/ODR
14/ODR
400
2/ODR
2/ODR
3/ODR
8/ODR
100
2/ODR
2/ODR
2/ODR
3/ODR
[50 ... 3.125]
1/ODR
1/ODR
1/ODR
1/ODR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com