Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 21Page - STMicroelectronics AN3393 Datasheet HTML 22Page - STMicroelectronics AN3393 Datasheet HTML 23Page - STMicroelectronics AN3393 Datasheet HTML 24Page - STMicroelectronics AN3393 Datasheet HTML 25Page - STMicroelectronics AN3393 Datasheet HTML 26Page - STMicroelectronics AN3393 Datasheet HTML 27Page - STMicroelectronics AN3393 Datasheet HTML 28Page - STMicroelectronics AN3393 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 103 page
background image
DocID018750 Rev 4
25/103
AN3393
Register description
103
The vector filter is a 7th-order anti-symmetric FIR filter. The 8 taps have a 4x2 structure:
VFC_1, VFC_2, VFC_3, VFC_4 and -VFC_1, -VFC_2, -VFC_3, -VFC_4.
The vector filter can be enabled or disabled by the VFILT bit in the CTRL_REG3 register.
For more information about the vector filter refer to Section 5.3.3.
4.12
THRS3 (1Fh)
Common threshold for overrun detection. The value is always unsigned (ABS) regardless of
the ABS settings in the SETT1/SETT2 registers. So, the THRS3 value is symmetric to the
zero level.
When the acceleration of any axis exceeds the THRS3 limit, the state machines are reset
(PPx = RPx). The reset of the state machines is enabled through the THR3_xA bits in the
SETT1/SETT2 registers.
4.13
CTRL_REG4 (20h)
1Dh
VFC_3
Coefficient 3
00h
1Eh
VFC_4
Coefficient 4
00h
Table 19. VFC register description (continued)
Add
Mnemonic
Definition
Default
Table 20. THRS3 register description
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
THRS3_7
THRS3_6
THRS3_5
THRS3_4
THRS3_3
THRS3_2
THRS3_1
THRS3_0
Default
00000000
Table 21. Control register 4 description
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
ODR3
ODR2
ODR1
ODR0
BDU
ZEN
YEN
XEN
Default
00000111
Table 22. Description control register 4
ODR [3:0]
Data rate selection. Default value: 0h
(Other: refer to Table 23).
BDU
Block data update. Default value: 0
0: Continuous update
1: Output register not updated until MSB and LSB have been read.
For more information about BDU, refer to Section 2.1.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com