Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 72 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 68Page - STMicroelectronics AN3393 Datasheet HTML 69Page - STMicroelectronics AN3393 Datasheet HTML 70Page - STMicroelectronics AN3393 Datasheet HTML 71Page - STMicroelectronics AN3393 Datasheet HTML 72Page - STMicroelectronics AN3393 Datasheet HTML 73Page - STMicroelectronics AN3393 Datasheet HTML 74Page - STMicroelectronics AN3393 Datasheet HTML 75Page - STMicroelectronics AN3393 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 103 page
background image
Axis mask filter
AN3393
72/103
DocID018750 Rev 4
Figure 13. Example of signed and unsigned thresholds
When the ABS bit is set to 0 in the SETTy register, thresholds are symmetric to the zero
level (refer to the first plot of Figure 13).
When the ABS bit is set to 1 in the SETTy register, thresholds are sign dependent (refer to
the second plot of Figure 13).
7.3
Temporary output mask
The temporary output masks (TMASK_A or TMASK_B) contain temporary results of trigger
events; basically, they represent the current active masks. The temporary output mask
value is set to the output register when one of the output commands (such as CONT, OUTC,
OUTW, etc....) is performed.
Depending on the triggered event, four different kinds of temporary mask are possible for
each axis:
1.
Positive axis bit = 0 / Negative axis bit = 0, axis is not then triggered.
2.
Positive axis bit = 0 / Negative axis bit = 1, negative data of axis is then triggered.
3.
Positive axis bit = 1 / Negative axis bit = 0, positive data of axis is then triggered.
4.
Positive axis bit = 1 / Negative axis bit = 1, not possible case.
The temporary output mask is cleared in the following cases:
–
when the program starts;
–
by using the REL command;
–
when the R_TAM bit in the SETTy register is set to 1. In this case, the temporary
output mask is set to default after every NEXT command.
As described in Section 7.1, MASKx registers contain information about the axes to
evaluate. However, when R_TAM = 0 (in SETTy register), only the first triggered axis is
placed on the temporary mask (TMASKx) and considered during program execution. In the
AM14779V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com