Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 17Page - STMicroelectronics AN3393 Datasheet HTML 18Page - STMicroelectronics AN3393 Datasheet HTML 19Page - STMicroelectronics AN3393 Datasheet HTML 20Page - STMicroelectronics AN3393 Datasheet HTML 21Page - STMicroelectronics AN3393 Datasheet HTML 22Page - STMicroelectronics AN3393 Datasheet HTML 23Page - STMicroelectronics AN3393 Datasheet HTML 24Page - STMicroelectronics AN3393 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
DocID018750 Rev 4
21/103
AN3393
Register description
103
4.2
OUT_T (0Ch)
8-bit temperature output register. The value is expressed as two’s complement.
The resolution is 1 LSB/deg and 00h corresponds to 25 degrees Celsius.
4.3
INFO1 (0Dh)
Read-only information register. Its value is fixed at 21h.
4.4
INFO2 (0Eh)
Read-only information register. Its value is fixed at 00h.
4.5
WHO_AM_I (0Fh)
Device identification register. It is a read-only register.
Table 7. OUT_T
b7
b6
b5
b4
b3
b2
b1
b0
00100001
Table 8. INFO1
b7
b6
b5
b4
b3
b2
b1
b0
00100001
Table 9. INFO2
b7
b6
b5
b4
b3
b2
b1
b0
00000000
Table 10. WHO_AM_I
b7
b6
b5
b4
b3
b2
b1
b0
00111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com