Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 97 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 93Page - STMicroelectronics AN3393 Datasheet HTML 94Page - STMicroelectronics AN3393 Datasheet HTML 95Page - STMicroelectronics AN3393 Datasheet HTML 96Page - STMicroelectronics AN3393 Datasheet HTML 97Page - STMicroelectronics AN3393 Datasheet HTML 98Page - STMicroelectronics AN3393 Datasheet HTML 99Page - STMicroelectronics AN3393 Datasheet HTML 100Page - STMicroelectronics AN3393 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 103 page
background image
DocID018750 Rev 4
97/103
AN3393
First-in first-out (FIFO) buffer
103
Figure 33. Stream-to-FIFO mode: interrupt not latched
Figure 34. Stream-to-FIFO mode: interrupt latched
Stream-to-FIFO can be used in order to analyze the sample history that generates an
interrupt; the standard operation is to read FIFO content when FIFO mode is triggered and
the FIFO buffer is full and stopped.
10.3.5
Bypass-to-Stream mode
This mode is a combination of the Bypass and Stream modes previously described. In
Bypass-to-Stream mode, the FIFO buffer starts operating in Bypass mode and switches to
Stream mode when INT2 occurs.
Follow these steps for Bypass-to-Stream mode configuration:
1.
Configure State Machine 2 in order to generate an interrupt on INT2.
2.
Turn on FIFO by setting the FIFO_EN bit to “1” in control register 6 (25h). After this
operation the FIFO buffer is enabled but is not collecting data, output registers are
frozen to the last sample set loaded.
3.
Activate Bypass-To-Stream mode by setting the FMODE[2:0] field to “100” in the FIFO
control register (2Eh).
The interrupt trigger is related to the INT_SM2 bit in the STAT (18h) register and it is
generated even if the interrupt signal is not driven to an interrupt pad. Bypass-to-Stream
mode is sensitive to the trigger level and not to the trigger edge, this means that if Bypass-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com