Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 27Page - STMicroelectronics AN3393 Datasheet HTML 28Page - STMicroelectronics AN3393 Datasheet HTML 29Page - STMicroelectronics AN3393 Datasheet HTML 30Page - STMicroelectronics AN3393 Datasheet HTML 31Page - STMicroelectronics AN3393 Datasheet HTML 32Page - STMicroelectronics AN3393 Datasheet HTML 33Page - STMicroelectronics AN3393 Datasheet HTML 34Page - STMicroelectronics AN3393 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 103 page
background image
DocID018750 Rev 4
31/103
AN3393
Register description
103
4.23
FIFO_CTRL (2Eh)
The FIFO trigger is the INT2 source.
For more information about FIFO refer to Section 10.
4.24
FIFO_SRC (2Fh)
Table 37. FIFO_CTRL description
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
FMODE2
FMODE1
FMODE0
WTMP4
WTMP3
WTMP2
WTMP1
WTMP0
Default
00000000
Table 38. FIFO_CTRL bit description
Bit name
Description
FMODE[2:0]
FIFO mode. Default value: 0
(see Table 39 for FIFO modality)
WTMP[4:0]
FIFO watermark pointer. It is the FIFO depth when the watermark is enabled
(see Section 10.4).
Table 39. FIFO mode description
FMODE2
FMODE1
FMODE0
Mode description
0
0
0
Bypass mode. FIFO turned off.
0
0
1
FIFO mode. Stops collecting data when FIFO is full.
010
Stream mode. If the FIFO is full, the new sample overwrites
the older one (circular buffer).
0
1
1
Stream mode until trigger is de-asserted, then FIFO mode.
100
Bypass mode until trigger is de-asserted, then Stream
mode.
1
0
1
Not to use.
1
1
0
Not to use.
1
1
1
Bypass mode until trigger is de-asserted, then FIFO mode.
Table 40. FIFO_CTRL description
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
WTM
OVRN_FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Default
0
0
0
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com