Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 28Page - STMicroelectronics AN3393 Datasheet HTML 29Page - STMicroelectronics AN3393 Datasheet HTML 30Page - STMicroelectronics AN3393 Datasheet HTML 31Page - STMicroelectronics AN3393 Datasheet HTML 32Page - STMicroelectronics AN3393 Datasheet HTML 33Page - STMicroelectronics AN3393 Datasheet HTML 34Page - STMicroelectronics AN3393 Datasheet HTML 35Page - STMicroelectronics AN3393 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 103 page
background image
Register description
AN3393
32/103
DocID018750 Rev 4
For more information about FIFO refer to Section 10.
4.25
ST1_X (40h-4Fh)
State Machine 1 code register ST1_X (X = 1-16).
The State Machine 1 system register is composed of sixteen 8-bit registers. Each register
can contain an operational code, as described in Section 6.
4.26
TIM4_1 (50h)
8-bit unsigned initial value for Timer Counter 1 (5Dh-5Eh).
1LSb = 1/ODR.
4.27
TIM3_1 (51h)
8-bit unsigned initial value for Timer Counter 1 (5Dh-5Eh).
1LSb = 1/ODR.
4.28
TIM2_1(52h - 53h)
16-bit unsigned initial value for Timer Counter 1 (5Dh-5Eh).
1LSb = 1/ODR.
Table 41. FIFO_SRC bit description
Bit name
Description
WTM
Watermark status.
(0: FIFO filling is lower than WTM level; 1: FIFO filling is equal to or higher
than WTM level)
OVRN_FIFO
Overrun bit status.
(0: FIFO is not completely filled; 1: FIFO is completely filled)
EMPTY
FIFO empty bit status.
(0: FIFO not empty; 1: FIFO empty)
FSS[4:0]
Number of samples stored in the FIFO - 1
Table 42. Timer4 default values
00000000
Table 43. Timer3 default values
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com