Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 9Page - STMicroelectronics AN3393 Datasheet HTML 10Page - STMicroelectronics AN3393 Datasheet HTML 11Page - STMicroelectronics AN3393 Datasheet HTML 12Page - STMicroelectronics AN3393 Datasheet HTML 13Page - STMicroelectronics AN3393 Datasheet HTML 14Page - STMicroelectronics AN3393 Datasheet HTML 15Page - STMicroelectronics AN3393 Datasheet HTML 16Page - STMicroelectronics AN3393 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
DocID018750 Rev 4
13/103
AN3393
Startup sequence
103
2
Startup sequence
Once the device is powered up, it automatically downloads the calibration coefficients from
the embedded Flash to the internal registers. When the boot procedure is completed, i.e.
after approximately 5 milliseconds, the device automatically enters power-down mode. To
turn on the device and gather acceleration data, it is necessary to select one of the
operating modes and enable at least one of the axes through the CTRL_REG4 register.
The following general-purpose sequence can be used to configure the device:
2.1
Reading acceleration data
2.1.1
Using the status register
The device is provided with a STATUS register which should be polled to check when a new
set of data is available. The reads should be performed as follows:
The check performed at step 3 allows the user to understand whether the reading rate is
adequate compared to the data generation rate. In the case one or more acceleration
samples have been overwritten by new data, because of an insufficient reading rate, the
ZYXOR bit of STATUS is set to 1.
The overrun bits are automatically cleared when all the data inside the device have been
read and new data have not been generated in the meantime.
2.1.2
Using the data-ready (DRY) signal
The device may be configured to have one HW signal to determine when a new set of
measurement data is available for reading. The signal can be driven to the INT1 pin by
1. Write CTRL_REG4 = 67h
// X, Y, Z enabled, ODR = 100 Hz
2. Write CTRL_REG3 = C8h
// DRY active high on INT1 pin
1.
Read STATUS
2.
If STATUS(3) = 0, then go to 1
3.
If STATUS(7) = 1, then some data have been overwritten
4.
Read OUT_X_L
5.
Read OUT_X_H
6.
Read OUT_Y_L
7.
Read OUT_Y_H
8.
Read OUT_Z_L
9.
Read OUT_Z_H
10.
Data processing
11.
Go to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com