Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 19Page - STMicroelectronics AN3393 Datasheet HTML 20Page - STMicroelectronics AN3393 Datasheet HTML 21Page - STMicroelectronics AN3393 Datasheet HTML 22Page - STMicroelectronics AN3393 Datasheet HTML 23Page - STMicroelectronics AN3393 Datasheet HTML 24Page - STMicroelectronics AN3393 Datasheet HTML 25Page - STMicroelectronics AN3393 Datasheet HTML 26Page - STMicroelectronics AN3393 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
DocID018750 Rev 4
23/103
AN3393
Register description
103
The value of the long counter is expressed in two’s complement.
This value is decreased whenever the DEC opcode is executed in the state machine and
the counter value is higher or equal to zero (see Section 6.2.12).
To stop counting, the value -01h must be written in these registers.
When the long counter is full (00h), the LONG bit is set to 1 in the STAT register (18h). The
following state for the long counter is -01h (counter stopped).
Reading of the LC registers resets the LONG bit in the STAT register (18h) to the default
value (0).
4.9
STAT (18h)
Table 14. Status of long counter MSB (17h)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
LC_H_7
LC_H_6
LC_H_5
LC_H_4
LC_H_3
LC_H_2
LC_H_1
LC_H_0
Default
00000000
Table 15. Status of long counter values
LC values
Condition
= -01h
Not valid value, counting stopped
= 00h
Counter full, interrupt occurs and counter set to -01h
> 00h
Counting
Table 16. STAT register
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
LONG
SYNCW
SYNC1
SYNC2
INT_SM1 INT_SM2
DOR
DRDY
Default
00000000
Table 17. STAT register description
Bit name
Description
LONG
0= no interrupt, 1= longcounter interrupt flag.
Common to both state machines.
LONG flag is reset to default value by reading the LC registers (16h and 17h).
SYNCW
Common information for OUTW. Waiting on action from host.
0 = no action waiting from host.
1 = host action is waiting after OUTW command.
This bit is reset to 0 whenever OUTS1/OUTS2 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com