Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 25Page - STMicroelectronics AN3393 Datasheet HTML 26Page - STMicroelectronics AN3393 Datasheet HTML 27Page - STMicroelectronics AN3393 Datasheet HTML 28Page - STMicroelectronics AN3393 Datasheet HTML 29Page - STMicroelectronics AN3393 Datasheet HTML 30Page - STMicroelectronics AN3393 Datasheet HTML 31Page - STMicroelectronics AN3393 Datasheet HTML 32Page - STMicroelectronics AN3393 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
DocID018750 Rev 4
29/103
AN3393
Register description
103
4.18
CTRL_REG6 (25h)
ST[2:1]
Self-test Enable. Default value: 00.
(00: Self-test disabled; Other: see Table 32 .
SIM
SPI serial internal interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
Table 32. Self-test mode
ST2
ST1
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign-test
1
1
Not Allowed
Table 31. Control register 5 bit description (continued)
Table 33. Control register 6 description
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name BOOT FIFO_EN WTM_EN
ADD_INC
P1_EMPTY P1_WTM P1_OVERRUN P2_BOOT
Default
0
0
0
0
0
0
0
0
Table 34. Control register 6 bit description
Bit name
Description
BOOT
Force reboot, cleared as soon as the reboot is finished. Active high.
FIFO_EN
FIFO enable. Default value: 0.
(0: disable; 1: enable)
WTM_EN
Stop on watermark - FIFO depth can be limited at the watermark value by
setting to “1” the WTM_EN bit. Default value: 0.
(0: disable; 1: enable)
ADD_INC
Register address automatically increased during a multiple byte access with a
serial interface (I2C or SPI)
(0: disable; 1: enable)
P1_EMPTY
Enable FIFO empty indication on INT1 pin. Default value 0.
(0: disable; 1: enable)
P1_WTM
FIFO watermark interrupt on INT1 pin. Default value 0.
(0: disable; 1: enable)
P1_OVERRUN
FIFO overrun interrupt on INT1 pin. Default value 0.
(0: disable; 1: enable)
P2_BOOT
Boot interrupt on INT2 pin. Default value 0.
(0: disable; 1: enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com