Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 38Page - STMicroelectronics AN3393 Datasheet HTML 39Page - STMicroelectronics AN3393 Datasheet HTML 40Page - STMicroelectronics AN3393 Datasheet HTML 41Page - STMicroelectronics AN3393 Datasheet HTML 42Page - STMicroelectronics AN3393 Datasheet HTML 43Page - STMicroelectronics AN3393 Datasheet HTML 44Page - STMicroelectronics AN3393 Datasheet HTML 45Page - STMicroelectronics AN3393 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 103 page
background image
State machine
AN3393
42/103
DocID018750 Rev 4
5
State machine
5.1
State machine definition
A state machine is a mathematical abstraction used to design logic connections. It is a
behavioral model composed of a finite number of states and transitions between states,
similar to a flow chart in which one can inspect the way logic runs when certain conditions
are met. The state machine begins with a start state (or 0 state), goes to different states
through transitions dependent on the inputs, and can finally end in a specific state (called
stop state). The current state is determined by the past states of the system.
Figure 3 shows a generic state machine.
Figure 3. Generic state machine
5.2
State machine in LIS3DSH
The LIS3DSH works as a normal accelerometer, generating acceleration output data.
However, these data can be used to perform a program in the embedded state machine
(Figure 4).
In the LIS3DSH accelerometer there are two different and independent finite state
machines, each one composed of 16 states. The two state machines can be programmed
AM14769V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com