Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 84 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 80Page - STMicroelectronics AN3393 Datasheet HTML 81Page - STMicroelectronics AN3393 Datasheet HTML 82Page - STMicroelectronics AN3393 Datasheet HTML 83Page - STMicroelectronics AN3393 Datasheet HTML 84Page - STMicroelectronics AN3393 Datasheet HTML 85Page - STMicroelectronics AN3393 Datasheet HTML 86Page - STMicroelectronics AN3393 Datasheet HTML 87Page - STMicroelectronics AN3393 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 103 page
background image
Examples of state machine configurations
AN3393
84/103
DocID018750 Rev 4
Figure 24. Double-tap state machine
TIM2_1L
52h
32h
TIM1_1L
54h
07h
THRS2_1
56h
55h
THRS1_1
57h
55h
ST1_1
40h
51h
ST1_2
41h
51h
ST1_3
42h
06h
ST1_4
43h
38h
ST1_5
44h
04h
ST1_6
45h
91h
ST1_7
46h
26h
ST1_8
47h
38h
ST1_9
48h
04h
ST1_10
49h
91h
ST1_11
4Ah
11h
MASK1_A
5Ah
FCh
SETT1
5Bh
A1h
Table 92. Register configuration for double-tap application (continued)
Register
Address
Value
AM14789V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com