Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 23Page - STMicroelectronics AN3393 Datasheet HTML 24Page - STMicroelectronics AN3393 Datasheet HTML 25Page - STMicroelectronics AN3393 Datasheet HTML 26Page - STMicroelectronics AN3393 Datasheet HTML 27Page - STMicroelectronics AN3393 Datasheet HTML 28Page - STMicroelectronics AN3393 Datasheet HTML 29Page - STMicroelectronics AN3393 Datasheet HTML 30Page - STMicroelectronics AN3393 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
DocID018750 Rev 4
27/103
AN3393
Register description
103
4.15
CTRL_REG2 (22h)
State Machine 2 interrupt configuration register.
Table 25. Control register 1 bit description
Bit name
Description
HYST1[2:0]
Hysteresis which is added or subtracted from the threshold values (THRS1_1
and THRS2_1) of State Machine 1.
000 = 0 (default)
111 = 7 (maximum hysteresis)
Hysteresis value is unsigned.
The hysteresis value is added or subtracted according to the condition to
evaluate (see Section 6.1).
SM1_PIN
0 = State Machine 1 interrupt routed to INT1.
1 = State Machine 1 interrupt routed to INT2.
SM1_EN
0 = State Machine 1 disabled. Temporary memories and registers related to this
state machine are left intact.
1 = State Machine 1 enabled.
Table 26. Control register 2 description
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name HYST2_2 HYST2_1 HYST2_0
-
SM2_PIN
-
-
SM2_EN
Default
0
0
0
-
0
-
-
0
Table 27. Control register 2 bit description
Bit name
Description
HYST2[2:0]
Hysteresis which is added or subtracted from the threshold values (THRS1_2
and THRS2_2) of State Machine 2.
000 = 0 (default)
111 = 7 (maximum Hysteresis)
Hysteresis value is unsigned.
The hysteresis value is added or subtracted according to the condition to
evaluate (see Section 6.1).
SM2_PIN
0 = State Machine 2 interrupt routed to INT1.
1 = State Machine 2 interrupt routed to INT2.
SM2_EN
0 = State Machine 2 disabled. Temporary memories and registers related to
this State Machine are left intact.
1 = State Machine 2 enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com