Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 39Page - STMicroelectronics AN3393 Datasheet HTML 40Page - STMicroelectronics AN3393 Datasheet HTML 41Page - STMicroelectronics AN3393 Datasheet HTML 42Page - STMicroelectronics AN3393 Datasheet HTML 43Page - STMicroelectronics AN3393 Datasheet HTML 44Page - STMicroelectronics AN3393 Datasheet HTML 45Page - STMicroelectronics AN3393 Datasheet HTML 46Page - STMicroelectronics AN3393 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 103 page
background image
DocID018750 Rev 4
43/103
AN3393
State machine
103
independently. An interrupt is generated when the end state is reached or when some
specific command is performed.
Figure 4. State Machine in LIS3DSH
5.3
Signal block
Referring to Figure 5, while the measurement chain of LIS3DSH generates 16-bit wide data,
the state machine inputs can be selected between:
1.
8-bit wide acceleration data produced by LSB cutter.
2.
8-bit wide acceleration vector amplitude (V), calculated and filtered (if enabled).
5.3.1
LSB cutter
8-bit input data to the state machine are generated by dividing sensor output data by 256:
8-bit data = 16-bit data / 256.
Figure 5. Signal block
5.3.2
Vector calculation
Vector values (V) are in 8-bit format as well and their range is limited from -127 to +127.
Acceleration vector amplitude is only available inside the two state machines, but cannot be
read outside.
The vector value is calculated by means of an approximation formula:
AM14770V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com