Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 41Page - STMicroelectronics AN3393 Datasheet HTML 42Page - STMicroelectronics AN3393 Datasheet HTML 43Page - STMicroelectronics AN3393 Datasheet HTML 44Page - STMicroelectronics AN3393 Datasheet HTML 45Page - STMicroelectronics AN3393 Datasheet HTML 46Page - STMicroelectronics AN3393 Datasheet HTML 47Page - STMicroelectronics AN3393 Datasheet HTML 48Page - STMicroelectronics AN3393 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 103 page
background image
DocID018750 Rev 4
45/103
AN3393
State machine
103
The four coefficients can be chosen by using registers 1Bh, 1Ch, 1Dh and 1Eh (vector filter
coefficient registers). In this way, different filter configurations can be implemented. For
example, a band-pass filter can be obtained by choosing the coefficients: 53, 127, 127, 53.
To enable the vector filter, the VFILT bit in the CTRL_REG3 register (23h) must be set to “1”.
5.4
State machine blocks
Output data coming from the signal block are sent to the state machine block composed of
the two state machines. There are some differences in terms of functionality between the
two state machines:
1.
State Machine 2 has decimator functionality, according to DES2 factor (DES2 register,
78h).
2.
State Machine 2 has DIFF functionality/filter. The DIFF filter can be configured in two
different ways:
a)
DIFF filtering with previous data values (X, Y, Z) as diff
b)
DIFF filtering with constant shift register values (X, Y, Z) as cs
3.
When DIFF functionality is selected in State Machine 2, the vector value calculated (V)
is left intact (DIFF is not applied in vector data).
Figure 7. State machine structure
5.4.1
Decimator
The decimation function is a method to reduce the sample rate of the data going to State
Machine 2.
The decimation function is based on the initial value of the DES2 register (78h) and DCC
(decimation counter register) according to the selected ODRx factor.
ODR_SM2 = ODR / (DES + 1)
At startup:
DCC = DES2 (initial decimation value)
when sample clock occurs:
AM14773V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com