Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3393 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 26Page - STMicroelectronics AN3393 Datasheet HTML 27Page - STMicroelectronics AN3393 Datasheet HTML 28Page - STMicroelectronics AN3393 Datasheet HTML 29Page - STMicroelectronics AN3393 Datasheet HTML 30Page - STMicroelectronics AN3393 Datasheet HTML 31Page - STMicroelectronics AN3393 Datasheet HTML 32Page - STMicroelectronics AN3393 Datasheet HTML 33Page - STMicroelectronics AN3393 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 103 page
background image
Register description
AN3393
30/103
DocID018750 Rev 4
4.19
STATUS (27h)
4.20
OUT_X_L (28h), OUT_X_H (29h)
X-axis acceleration data (16-bit), MSB values are in OUT_X_H, LSB values are in
OUT_X_L. The value is expressed in two’s complement.
4.21
OUT_Y_L (2Ah), OUT_Y_H (2Bh)
Y-axis acceleration data (16-bit), MSB values are in OUT_Y_H, LSB values are in
OUT_Y_L. The value is expressed in two’s complement.
4.22
OUT_Z_L (2Ch), OUT_Z_H (2Dh)
Z-axis acceleration data (16-bit), MSB values are in OUT_Z_H, LSB values are in
OUT_Z_L. The value is expressed in two’s complement.
Table 35. Status register description
BIT
b7
b6
b5
b4
b3
b2
b1
b0
Name
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Default
00000000
Table 36. Status register bit description
Bit
name
Description
ZYXOR
X-, Y- and Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous set)
ZOR
Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Z-axis has overwritten the previous data)
YOR
Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous data)
XOR
X-axis data overrun. Default value: 0
(0: no Overrun has occurred; 1: new data for the X-axis has overwritten the previous data)
ZYXDA
X-, Y- and Z-axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZDA
Z-axis new data available. Default value: 0
(0: new data for the Z-axis is not yet available; 1: new data for Z-axis is available)
YDA
Y-axis new data available. Default value: 0
(0: a new data for the Y-axis is not yet available; 1: a new data for Y-axis is available)
XDA
X-axis new data available. Default value: 0
(0: a new data for the X-axis is not yet available; 1: a new data for X-axis is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com